Electronic Components Datasheet Search
  English  ▼

X  

OP27GPZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP27GPZ
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP27GPZ Datasheet HTML 5Page - Analog Devices OP27GPZ Datasheet HTML 6Page - Analog Devices OP27GPZ Datasheet HTML 7Page - Analog Devices OP27GPZ Datasheet HTML 8Page - Analog Devices OP27GPZ Datasheet HTML 9Page - Analog Devices OP27GPZ Datasheet HTML 10Page - Analog Devices OP27GPZ Datasheet HTML 11Page - Analog Devices OP27GPZ Datasheet HTML 12Page - Analog Devices OP27GPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
OP27
Rev. H | Page 9 of 21
5
4
3
2
1
0
40
TOTAL SUPPLY VOLTAGE, V+ – V–, (V)
TA = 25 C
10
20
30
AT 10Hz
AT 1kHz
Figure 10. Voltage Noise Density vs. Supply Voltage
10.0
0.1
10
10k
FREQUENCY (Hz)
I/F CORNER = 140Hz
1.0
100
1k
Figure 11. Current Noise Density vs. Frequency
5.0
1.0
5
45
TOTAL SUPPLY VOLTAGE (V)
TA = –55 C
TA = +125 C
4.0
3.0
2.0
15
25
35
TA = +25 C
Figure 12. Supply Current vs. Supply Voltage
60
–70
–75
175
TEMPERATURE ( C)
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
–50
–25
0
25
50
75
100
125
150
OP27C
OP27C
OP27A
OP27A
OP27A
TRIMMING WITH
10k
POT DOES
NOT CHANGE
TCVOS
Figure 13. Offset Voltage Drift of Five Representative Units vs. Temperature
6
–6
0
7
TIME (Months)
4
2
0
–2
–4
–6
6
4
2
0
–2
–4
1
2
3
4
5
6
Figure 14. Long-Term Offset Voltage Drift of Six Representative Units
1
0
5
TIME AFTER POWER ON (Min)
TA = 25 C
VS = 15V
10
5
1
2
3
4
OP27 A/E
OP27 F
OP27 C/G
Figure 15. Warm-Up Offset Voltage Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com