Electronic Components Datasheet Search
  English  ▼

X  

LW520AS Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # LW520AS
Description  WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW520AS Datasheet(HTML) 1 Page - Seoul Semiconductor

  LW520AS Datasheet HTML 1Page - Seoul Semiconductor LW520AS Datasheet HTML 2Page - Seoul Semiconductor LW520AS Datasheet HTML 3Page - Seoul Semiconductor LW520AS Datasheet HTML 4Page - Seoul Semiconductor LW520AS Datasheet HTML 5Page - Seoul Semiconductor LW520AS Datasheet HTML 6Page - Seoul Semiconductor LW520AS Datasheet HTML 7Page - Seoul Semiconductor LW520AS Datasheet HTML 8Page - Seoul Semiconductor LW520AS Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
-1-
WHITE LAMP LED
LW520AS
<070611> Rev. 0.0
서식번호 : QP-7-03-05 (Rev.00)
Technical Datasheet
Lamp LEDs are effective in hot thermal
and humid condition. This high brightness
and weather-resistant packaging design
makes these Lamp LEDs ideal for outdoor
applications such as traffic signals, variable
message signs and backlighting for
transparent sign panels.
Features
• High luminous white emission
• Standoff leads
• 5mm package
• Viewing angle : 22 º
• Color Coordinates : x=0.31 y=0.31
Applications
• Electronic signs and signals
• Specialty lighting
• Small area illumination
• Torches and head lamps
• Backlighting
• Outdoor displays


Similar Part No. - LW520AS

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW520AS SEOUL-LW520AS Datasheet
626Kb / 18P
WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
WHITE LAMP LED
More results

Similar Description - LW520AS

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LWH5090 LUXPIA-LWH5090 Datasheet
232Kb / 7P
White LED Lamp
LWH5020 LUXPIA-LWH5020 Datasheet
212Kb / 7P
White LED Lamp
LWH5000 LUXPIA-LWH5000 Datasheet
237Kb / 7P
White LED Lamp
logo
Seoul Semiconductor
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
WHITE LAMP LED
LW520A SEOUL-LW520A Datasheet
521Kb / 12P
WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
WHITE LAMP LED
LW340A SEOUL-LW340A Datasheet
521Kb / 12P
WHITE LAMP LED
LW330A SEOUL-LW330A Datasheet
508Kb / 11P
WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
WHITE LAMP LED
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
WHITE LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com