Electronic Components Datasheet Search
  English  ▼

X  

LW520AS Datasheet(PDF) 12 Page - Seoul Semiconductor

Part # LW520AS
Description  WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW520AS Datasheet(HTML) 12 Page - Seoul Semiconductor

Back Button LW520AS Datasheet HTML 4Page - Seoul Semiconductor LW520AS Datasheet HTML 5Page - Seoul Semiconductor LW520AS Datasheet HTML 6Page - Seoul Semiconductor LW520AS Datasheet HTML 7Page - Seoul Semiconductor LW520AS Datasheet HTML 8Page - Seoul Semiconductor LW520AS Datasheet HTML 9Page - Seoul Semiconductor LW520AS Datasheet HTML 10Page - Seoul Semiconductor LW520AS Datasheet HTML 11Page - Seoul Semiconductor LW520AS Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
-12-
WHITE LAMP LED
LW520AS
<070611> Rev. 0.0
서식번호 : QP-7-03-05 (Rev.00)
3) Static Electricity
• Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist
band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
4) Heat Generation
• Thermal is one of the important parameters to design the end product. Please consider the
heat generation of the LEDs.
• The operating current should be decided after considering the ambient maximum temperature
of LEDs.
5) Others
• The color of the LEDs is changed slightly an operating current and thermal.
• Anti radioactive ray design is not considered for the products listed here.
• Gallium arsenide is used in some of the products listed in this publication. These products
are dangerous if they are burned or smashed in the process of disposal. It is also dangerous
to drink the liquid or inhale the gas generated by such products when chemically disposed.
• This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA(Isopropyl Alcohol) should be used.
• When the LEDs are illuminating, operating current should be decided after considering the
junction temperature.
Cf.) Please refer Ambient temperature vs. Forward Current graph on page 5
• The appearance and specifications of the product may be modified for improvement without
notice.
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : +82-2-3281-6269
FAX :+82-2-858-5537
Homepage : www.seoulsemicon.com
www.zled.com
E-Store : www.zledstore.com
E-mail : sscsale@seoulsemicon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com