Electronic Components Datasheet Search
  English  ▼

X  

LW520AS Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # LW520AS
Description  WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW520AS Datasheet(HTML) 3 Page - Seoul Semiconductor

  LW520AS Datasheet HTML 1Page - Seoul Semiconductor LW520AS Datasheet HTML 2Page - Seoul Semiconductor LW520AS Datasheet HTML 3Page - Seoul Semiconductor LW520AS Datasheet HTML 4Page - Seoul Semiconductor LW520AS Datasheet HTML 5Page - Seoul Semiconductor LW520AS Datasheet HTML 6Page - Seoul Semiconductor LW520AS Datasheet HTML 7Page - Seoul Semiconductor LW520AS Datasheet HTML 8Page - Seoul Semiconductor LW520AS Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
-3-
WHITE LAMP LED
LW520AS
<070611> Rev. 0.0
서식번호 : QP-7-03-05 (Rev.00)
Electro-Optical Characteristics ( Ta = 25ºC, IF=20mA )
lm/W
-
45
-
Ŋ
elc
Optical Efficiency
V
3.8
3.2
-
V
F
Forward Voltage [4]
ºC /W
285
Rθ
J-A
Thermal Resistance
lm
-
2.9
-
Ф
V
Luminous Flux
22
deg.
2
θ
½
View Angle
-
x=0.31, y=0.31
x, y
Chromaticity Coordinate [3]
5
-
-
10000
7000
µA
-
I
R
Reverse Current (at V
R = 5V)
Max.
Typ.
Min.
mcd
I
V
[2]
Luminous Intensity [1]
Unit
Value
Symbol
Item
Absolute Maximum Ratings ( Ta = 25ºC )
mW
114
P
D
Power Dissipation
V
5
V
R
Reverse Voltage
ºC
260ºC for 10seconds [6]
T
s
Solder Temperature
ºC
-30 ~ 85
T
opr
Operating Temperature
mA
100
I
FP
[5]
Forward Peak Pulse Current
ºC
-40 ~ 100
T
stg
Storage Temperature
mA
30
I
F
DC Forward Current
Unit
Value
Symbol
Item
Notes :
[1] SSC maintains a tolerance of
±10% on intensity and power measurements.
[2]
I
V is the luminous intensity output as measured with a cylinder.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color Coordinates Measurement allowance is ± 0.01
[4] A tolerance of
±0.05V on forward voltage measurements
[5] t ≤ 0.1ms, D = 1/10
[6] No lower than 3mm from the base of the epoxy bulb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com