Electronic Components Datasheet Search
  English  ▼

X  

PM6 Datasheet(PDF) 19 Page - Winchester Electronics Corporation

Part # PM6
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

PM6 Datasheet(HTML) 19 Page - Winchester Electronics Corporation

Back Button PM6 Datasheet HTML 15Page - Winchester Electronics Corporation PM6 Datasheet HTML 16Page - Winchester Electronics Corporation PM6 Datasheet HTML 17Page - Winchester Electronics Corporation PM6 Datasheet HTML 18Page - Winchester Electronics Corporation PM6 Datasheet HTML 19Page - Winchester Electronics Corporation PM6 Datasheet HTML 20Page - Winchester Electronics Corporation PM6 Datasheet HTML 21Page - Winchester Electronics Corporation PM6 Datasheet HTML 22Page - Winchester Electronics Corporation PM6 Datasheet HTML 23Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
OUTLINE
SHELLS - PLUGS
Important Note When Ordering
Plug Shells
The shell part numbers given in the table
shows an asterisk (*) where the code
letter for the desired polarizing position
belongs - example: XMRE9-1*000
becomes XMRE9-1B000 when
polarization in position “B” is desired.
Specify the same position on the mating
shell.
For non-polarized shells, merely omit
this position, e.g. XMRE9-1000.
Shells are .040 in. thick.
Stainless steel shells available for 66 and
104 sizes. Dimensions vary from those
shown for aluminum shells. Check sales
for availability and dimensions on all sizes.
DIMENSIONS
Wt.
A
BCD
E
F
G
Oz.
XMRE 9-1*000
1.44
.5
.38 1.000 .88
.63
–
0.14
XMRE 14-1*000 1.38 .56
.45
.937 .81
.63
–
0.15
XMRE 18-1*000 1.44 .69
.58 1.000 .88
.63
–
0.16
XMRE 20-1*000 1.69 .56
.45 1.250 1.13 .63
–
0.18
XMRE 26-1*000 1.75 .69
.58 1.312 1.19 .63
–
0.22
XMRE 34-1*000
XMRE 34-3*000 2.13 .88
.75 1.687 1.44 .66
.234 0.24
XMRE 42-1*000
XMRE 42-3*000 2.44 .88
.75 2.000 1.75 .66
.234 0.26
XMRE 50-1*000
XMRE 50-3*000 2.84
1
.75 2.282 2.03 .66
.234 0.28
XMRA 66-1*000
XMRA 66-3*000 2.41 1.25 1.13 1.969 1.72 .66 .250 0.28
XMRE 75-1*000
XMRE 75-3*000 2.84 1.36 1.11 2.282 2.03 .66
–
0.30
XMRA 104-1*000
XMRA 104-3*000 2.88 1.66 1.48 2.375 2.13 .66 .437 0.30
Shell Part No.
(If ordered
separately)
TYPICAL SHELLS FOR
MONOJACKS STYLE No. 3000
Shells are aluminum, anodized for
protection against corrosion. Either
shell style - plug or receptacle - may be
used to house the female insert, thus
allowing the “live” socket contacts to be
cable or panel mounted, as desired.
Shells also provide a means by which
connector polarization is accomplished
- the receptacle shell is slotted for
engaging a polarizing pin on the plug
shell. Any of seven positions (A, B, C,
D, E, F or G) may be specified for
polarization; non-polarized shells have
the slot and pin omitted.
For XAC 104
For XAC 75
For XAC 66
For XAC 34, 42,
For XAC 75
For All XAC
and 50
For XAC 9 to 26
Configurations
For XAC 75
For XAC 34, 42, 50, 66,
Plug Shell
Configuration
and 104 Configurations
Style No. 1000
Shells are .040 in. thick.
A
2 Slots
B Dia.
4 Corner
Holes
C Typ.
C Typ.
B Dia.
4 Corner
Holes
A
4 Slots
Dimensions are for reference only and are subject to change. Outline drawings on request.
.06R
B
C
F
.508
A
Polarizing Pin
.156 Typ.
.312 Typ.
.14R
.06R
DE
.120 Dia.
2 Holes
Mtg. Hole
Style 9
B
C
.14R
G
.468
.120 Dia.
2 Holes
.06R
DE
.120 Dia.
4 Holes
.06R .03R
G
.06R
.372 R.
.500
.120 Dia.
6 Holes
DE
B
C
DE
.06R
B
C
.150 Dia.
6 Holes
.875
.421 R.
DE
.06R
.120 Dia.
4 Holes
.766
.20 R.
G
.140 Dia.
4 Holes
B
C
.117
.383
For Connector Size A
B
C
34, 42, 50, 66, 75
.11 .120 .06R
104
.14 .150 .07R
External Miniature Rectangular, Removable Contacts
XAC Series
RP /
19
www.winconn.com
Outline Shells - Plugs
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com