Electronic Components Datasheet Search
  English  ▼

X  

PM6 Datasheet(PDF) 21 Page - Winchester Electronics Corporation

Part # PM6
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

PM6 Datasheet(HTML) 21 Page - Winchester Electronics Corporation

Back Button PM6 Datasheet HTML 17Page - Winchester Electronics Corporation PM6 Datasheet HTML 18Page - Winchester Electronics Corporation PM6 Datasheet HTML 19Page - Winchester Electronics Corporation PM6 Datasheet HTML 20Page - Winchester Electronics Corporation PM6 Datasheet HTML 21Page - Winchester Electronics Corporation PM6 Datasheet HTML 22Page - Winchester Electronics Corporation PM6 Datasheet HTML 23Page - Winchester Electronics Corporation PM6 Datasheet HTML 24Page - Winchester Electronics Corporation PM6 Datasheet HTML 25Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
Removable contacts offer a substantial savings
of time, labor and a great flexibility in the choice
of circuitry. The contact is easily removed with
the hand tool depicted and then placed by
hand or with a simple insertion tool.
The TMRAC Series was designed specifically for the industrial/commercial
customer for application in high temperature, rough service operations. This series
features the same military-type anodized aluminum hoods, rugged polyester
thermoplastic insulators, screw-machine removable contacts, guide and hardware
as the MRAC Series.
Insulators:
Polyester thermoplastic,
black color. High potential
performance: withstanding
voltage is one minute
electrification at 2000 VAC
(sea level).
Insulation
Resistance:
500V
Thermal Shock: -55oF to +150oF
Hoods:
Anodized aluminum. May be
applied on plug or receptable.
Both top and side opening
hoods available.
Polarization: Gold plated guides provide
positive polorization.
Polarized nickel-plated brass
and/or passivated stainless
Contacts:
Must be ordered separately.
Select from crimp, solder, dip
solder, shielded or Wire-Wrap
termination contacts. See 100
Series contact section.
Contact
Identification: Standard contact identification
is alphabetical.
Sizes:
.040" diameter and .062"
diameter contacts in 7.5-amp
and 13-amp current ratings.
Termination
Types:
Crimp, dip-solder, solder
removable in .040" and .062"
diameter. Wire Wrap tails and
stabilizing bushings for .025"
and .045" square.
Current Rating: 7.5 amps maximum for
.040" contacts.
13 amps maximum for
.062" contacts.
TMRAC 34S-G
TMRAC 34P-G
of Underwriters Laboratories Inc. File No. E31650 ®
Recognized under the Component Program
CSA Certified File No.
LR34182
®
steel jackscrews with
anodized aluminum knobs
are available.
Number of
Contacts:
Eight size connectors: 9-, 14-,
18-, 20-, 26-, 34-, 42- and
50-contact, available in either
.040" or .062" diameter.
Heavy Duty, Industrial and Commercial Mini Rectangular Rack & Panel Connector
TMRAC Series
RP /
21
www.winconn.com
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com