Electronic Components Datasheet Search
  English  ▼

X  

PM6 Datasheet(PDF) 76 Page - Winchester Electronics Corporation

Part # PM6
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

PM6 Datasheet(HTML) 76 Page - Winchester Electronics Corporation

Back Button PM6 Datasheet HTML 72Page - Winchester Electronics Corporation PM6 Datasheet HTML 73Page - Winchester Electronics Corporation PM6 Datasheet HTML 74Page - Winchester Electronics Corporation PM6 Datasheet HTML 75Page - Winchester Electronics Corporation PM6 Datasheet HTML 76Page - Winchester Electronics Corporation PM6 Datasheet HTML 77Page - Winchester Electronics Corporation PM6 Datasheet HTML 78Page - Winchester Electronics Corporation PM6 Datasheet HTML 79Page - Winchester Electronics Corporation PM6 Datasheet HTML 80Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
Solder
Number
Weight In Ounces
Cup
Catalog
of
Lock
Lock
Lock
Hole
Current
Number Contacts
Plug
Rec.
Nut
Spring
Ring
Washer
Dia./in.
Rating
M4P
4
.08
.06
.08
.02
.02
.01
.048
7.5 amps
M4S
M5P
5
.10
.08
.06
.02
.03
.01
.048
7.5 amps
M5S
M7P
7
.12
.10
.06
.02
.03
.01
.048
7.5 amps
M7S
M9P
9
.13
.10
.06
.02
.03
.01
.048
7.5 amps
M9S
M10P
10
.13
.10
.06
.02
.03
.01
.048
7.5 amps
M10S
M12P
12
.3
.4
.05
.02
.03
.01
.043
7.5 amps
M12S
.56
.0995 Dia.
.890 Dia.
Panel Opeming
1.125
Nut
.38
1.250
7/8 - 20 THD
.16
.16
.38
.91
.47
M21S
.25
.048 Dia.
Solder Cup
.34
.53
3/8 - 24 UNF THD
Lock Spring (LS)
.09
.53
.34
.13
.09
Lock Ring
(LR)
.25
3/8 - 24 UNF THD
Nut & Lockwasher (N)
Ground Lug (G)
.63
.47
.50
.385
.250
.125
30O
.72
.25
.56 A/F
Hex Nut
.66
(See
Views
Below)
.048 Dia.
Solder Cup
.44
.09
Lockwasher
1/2 - 20 UNF THD.
1/2 - 20 UNF THD.
.77
.09
.44
Accessory Code
LR — Lock Ring
LS — Lock Spring
LN— Nut & Lockwasher
LN — to be used as suffixes
LN — when required.
.34
30O
.099 Dia.
.515 Dia.
Receptacle
M*S-LRN
Plug
M*P-LS
Receptacle
M4S-LRGN
Plug
M4P-LS
Contact
Arrangement
M5S
Contact
Arrangement
M7S
Contact
Arrangement
M9S
Contact
Arrangement
M10S
Panel Drilling
(Viewed from Front of Panel)
Panel Drilling
.69
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Contact locations are shown from terminal sides
NOTE: Contact arrangement of M
* P are reversed
* Insert number, indicating number of contacts (5, 7, 9, 10)
M Series
RP /
76
www.winconn.com
Outline
Physical & Electrical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com