Electronic Components Datasheet Search
  English  ▼

X  

PM6 Datasheet(PDF) 60 Page - Winchester Electronics Corporation

Part # PM6
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

PM6 Datasheet(HTML) 60 Page - Winchester Electronics Corporation

Back Button PM6 Datasheet HTML 56Page - Winchester Electronics Corporation PM6 Datasheet HTML 57Page - Winchester Electronics Corporation PM6 Datasheet HTML 58Page - Winchester Electronics Corporation PM6 Datasheet HTML 59Page - Winchester Electronics Corporation PM6 Datasheet HTML 60Page - Winchester Electronics Corporation PM6 Datasheet HTML 61Page - Winchester Electronics Corporation PM6 Datasheet HTML 62Page - Winchester Electronics Corporation PM6 Datasheet HTML 63Page - Winchester Electronics Corporation PM6 Datasheet HTML 64Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
■
Step 5
(See bottom chart)
34
SREC
S
JTC
H13
859
■
Step 4
Contact Wire Size. Omit this
step if contacts are to be
ordered separately.
Use only when contacts are
supplied with connector
Add:
20 - for 20-22 AWG
24 - for 24-26 AWG
28 - for 28-30 AWG
■
Step 6
Hood Type:
H8 - Large Top
Opening
(50 size only)
H9 - Large Side
Opening
(50 size only)
H13 -Higher Top
Opening (all others)
See Hood Section For Availability
■
Step 1
Insert Series
Code:
SREC
■
Step 2
Number of
Contacts:
7, 11, 14, 18,
20, 26, 34,
44, 50
■
Step 3
Contact
Designation:
P - Pin Molding
S - Socket
Molding
■
Step 7
For 2-56 UNC
2A Threads on
Jackscrews, add
suffix -859. Omit
if not required.
■
Step 5
Guides
K-
Beryllium Copper Cylindrical Guides
N-
Brass Cylindrical Guides (Standard)
NSS- Same style as above but Stainless Steel
Jackscrew Locks
J-
Polarized Fixed Jackscrew and Jacksocket
JT-
Polarized Short Turning Jackscrew and Jacksocket
JTC- Polarized Long Turning Jackscrew and Jacksocket
Omit steps not required
Cable
Code
Dimensions
Opening
Fits
No.
*
Connector
ABCD
E
F
H
SRE7H13
1.02 .75 .25 .78 .22 .16 .53
SRE 7 P/ S
SREC 7 P/S
SRE14H13 1.02 .75 .34 .88 .38 .25 .53
SRE 14 P/S
SREC 14 P/S
SRE20H13 1.02 .75 .34 1.06 .38 .25 .53
SRE 20 P/S
SREC 20 P/S
SRE26H13 1.02 .75 .34 1.25 .41 .25 .53
SRE 26 P/S
SREC 26 P/S
SRE34H13 1.05 .75 .45 1.25 .73 .38 .63
SRE 34 P/S
SREC 34 P/S
SRE50H8
1.80 1.50 .45 1.63 1.19 .38 .63
SRE 50 P/S
SREC 50 P/S
SRE/SREC Large Top Opening Hoods
Code
Fits
No.
*
A
B
C
D
E
H
Connector
SRE50H9
1.63 .45 1.50 1.92 1.19 x .38 .63 SRE 50 P/S
SREC 50 P/S
SRE/SREC Large Side Opening Hoods
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
* Code numbers shown are for use with guides.
For use with jackscrews, add J or JTC to
hood part number.
A
F
D
H
E
.22
C
B
H
A
D
B
C
.22
E Cable
Opening
SREC Series
Outline Formed Aluminum Hoods
Dimentions
Ordering Information
RP /
60
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com