Electronic Components Datasheet Search
  English  ▼

X  

ZT213ECT Datasheet(PDF) 6 Page - Zywyn Corporation

Part # ZT213ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT213ECT Datasheet(HTML) 6 Page - Zywyn Corporation

Back Button ZT213ECT Datasheet HTML 2Page - Zywyn Corporation ZT213ECT Datasheet HTML 3Page - Zywyn Corporation ZT213ECT Datasheet HTML 4Page - Zywyn Corporation ZT213ECT Datasheet HTML 5Page - Zywyn Corporation ZT213ECT Datasheet HTML 6Page - Zywyn Corporation ZT213ECT Datasheet HTML 7Page - Zywyn Corporation ZT213ECT Datasheet HTML 8Page - Zywyn Corporation ZT213ECT Datasheet HTML 9Page - Zywyn Corporation ZT213ECT Datasheet HTML 10Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
6
August 2004
rev. 02
Table 2. EIA Standard Parameter Summary
RS232 Signal Characteristics
The charge pump voltage converter efficiently converts the
necessary voltage for the driver's output transistors so that
the RS232 output is close to the ideal rail voltage of 10V.
While loaded with a typical RS232 load, the driver's output
level only drops 0.2V from its open circuit voltage. Zywyn's
low-drop driver circuitry working with its efficient voltage
regulator allows superior line driving capability while meet-
ing the requirements of TIA/EIA-232-E.
The drivers are inverting transmitters, which accept TTL or
CMOS inputs and produces the RS-232 compliant signals
that is inverted relative to the input logic levels. Typically the
RS232 output voltage swing is ±6V. Even under the worst
case loading conditions of 3kohms and 2500pF, the output
is guaranteed to be ±5V, which adheres to the RS232
standard specifications. The transmitter outputs are pro-
tected against infinite short-circuits to ground without deg-
radation in reliability. The instantaneous slew rate of the
transmitter output is internally limited to a maximum of 30V/
µs in order to meet the TIA/EIA-232-E requirements.
The receivers convert RS-232 input signals to inverted TTL
signals. The inputs have a typical hysteresis margin of
500mV in order to account for signal degradation caused by
system interference and other noise related disturbers.
This ensures that the receiver is relatively immune to noisy
transmission lines. The input thresholds are 0.8V minimum
and 2.4V maximum, which are within the TIA/EIA-232
requirements. The receiver inputs are also protected against
voltages up to ±25V. Should an input be left unconnected,
a 5kohm pulldown resistor to ground will force the output of
the receiver to a high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com