Electronic Components Datasheet Search
  English  ▼

X  

ZT213ECT Datasheet(PDF) 8 Page - Zywyn Corporation

Part # ZT213ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT213ECT Datasheet(HTML) 8 Page - Zywyn Corporation

Back Button ZT213ECT Datasheet HTML 4Page - Zywyn Corporation ZT213ECT Datasheet HTML 5Page - Zywyn Corporation ZT213ECT Datasheet HTML 6Page - Zywyn Corporation ZT213ECT Datasheet HTML 7Page - Zywyn Corporation ZT213ECT Datasheet HTML 8Page - Zywyn Corporation ZT213ECT Datasheet HTML 9Page - Zywyn Corporation ZT213ECT Datasheet HTML 10Page - Zywyn Corporation ZT213ECT Datasheet HTML 11Page - Zywyn Corporation ZT213ECT Datasheet HTML 12Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
8
August 2004
rev. 02
ZT211E
12
14
16
15
13
17
11
GND
T1IN
T1OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
7
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
2
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
10
5k
R1IN
R1OUT
8
9
LOGIC
OUTPUTS
*can be returned to
either VCC or GND
EN
24
SD
25
RS-232
INPUTS
5k
R2IN
R2OUT
5
4
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R3IN
R3OUT
26
27
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R4IN
R4OUT
22
23
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R5IN
R5OUT
19
18
LOGIC
OUTPUTS
T2IN
T2OUT
6
3
RS-232
OUTPUTS
LOGIC
INPUTS
T3IN
T3OUT
20
1
RS-232
OUTPUTS
LOGIC
INPUTS
T4IN
T4OUT
21
28
RS-232
OUTPUTS
LOGIC
INPUTS
500k
VCC
ZT207E
10
12
14
13
11
15
9
GND
T1IN
T1OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
7
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
2
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
8
5k
R1IN
R1OUT
5
4
LOGIC
OUTPUTS
*can be returned to
either VCC or GND
RS-232
INPUTS
5k
R2IN
R2OUT
22
23
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R3IN
R3OUT
17
16
LOGIC
OUTPUTS
T2IN
T2OUT
6
3
RS-232
OUTPUTS
LOGIC
INPUTS
T3IN
T3OUT
18
1
RS-232
OUTPUTS
LOGIC
INPUTS
T4IN
T4OUT
19
24
RS-232
OUTPUTS
LOGIC
INPUTS
T5IN
T5OUT
21
20
RS-232
OUTPUTS
LOGIC
INPUTS
500k
T1IN
VCC
ZT208E
10
12
14
13
11
15
9
GND
T1IN
T1OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
5
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
2
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
8
5k
R1IN
R1OUT
6
7
LOGIC
OUTPUTS
*can be returned to
either VCC or GND
RS-232
INPUTS
5k
R2IN
R2OUT
4
3
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R3IN
R3OUT
22
23
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R4IN
R4OUT
17
16
LOGIC
OUTPUTS
T2IN
T2OUT
18
1
RS-232
OUTPUTS
LOGIC
INPUTS
T3IN
T3OUT
19
24
RS-232
OUTPUTS
LOGIC
INPUTS
T4IN
T4OUT
21
20
RS-232
OUTPUTS
LOGIC
INPUTS
500k
VCC
ZT213E
12
14
16
15
13
17
11
GND
T1IN
T1OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
7
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
2
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
10
5k
R1IN
R1OUT
8
9
LOGIC
OUTPUTS
*can be returned to
either VCC or GND
EN
24
SD
25
RS-232
INPUTS
5k
R2IN
R2OUT
5
4
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R3IN
R3OUT
26
27
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R4IN
R4OUT
22
23
LOGIC
OUTPUTS
RS-232
INPUTS
5k
R5IN
R5OUT
19
18
LOGIC
OUTPUTS
T2IN
T2OUT
6
3
RS-232
OUTPUTS
LOGIC
INPUTS
T3IN
T3OUT
20
1
RS-232
OUTPUTS
LOGIC
INPUTS
T4IN
T4OUT
21
28
RS-232
OUTPUTS
LOGIC
INPUTS
500k
VCC
TypicalApplication Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com