Electronic Components Datasheet Search
  English  ▼

X  

ZT213ECT Datasheet(PDF) 9 Page - Zywyn Corporation

Part # ZT213ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT213ECT Datasheet(HTML) 9 Page - Zywyn Corporation

Back Button ZT213ECT Datasheet HTML 5Page - Zywyn Corporation ZT213ECT Datasheet HTML 6Page - Zywyn Corporation ZT213ECT Datasheet HTML 7Page - Zywyn Corporation ZT213ECT Datasheet HTML 8Page - Zywyn Corporation ZT213ECT Datasheet HTML 9Page - Zywyn Corporation ZT213ECT Datasheet HTML 10Page - Zywyn Corporation ZT213ECT Datasheet HTML 11Page - Zywyn Corporation ZT213ECT Datasheet HTML 12Page - Zywyn Corporation ZT213ECT Datasheet HTML 13Page - Zywyn Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
9
August 2004
rev. 02
Typical Test Circuits
Measuring
Oscilliscope
TESTCIRCUIT
Maximum Data Rate Test Circuit
Notes:
A. R
L = 3kΩ , CL = 1000pF, TA = 25
oC,
One Driver Switching.
B. The pulse generator had the following characteristics:
PRR = 250 kbps, Zo = 50
Ω, 50% duty cycle,
T
r & Tf < 10ns
Figure 2. ZT230E TxIN to TxOut to RxOut (loopback to
Rx with 1000pF load) at 250kbps waveform
Figure 1. ZT230E TxIN to TxOut (no load) at 250kbps
waveform
Test Circuit RS232 Signal Characteristics
Figure 1 shows the normal RS232 transceiver function with
a TTL/CMOS signal applied to the input on channel 1 and the
resultant RS232 output shown on channel 2. This figure
shows a typical RS232 line driver output without loading. In
other words, this is the open circuit RS232 output voltage.
The charge pump voltage converter efficiently converts the
necessary voltage for the driver's output transistors so that
the RS232 output is close to the ideal rail voltage of 6.6V.
Figure 2 shows the RS232 transceiver function using the
TTL/CMOS input on channel 1 while showing the RS232
output on channel 2. This figure shows the RS232 signal
while the output is loaded with 3kohms and 1000pF. The
resistive load is the receiver's input impedance as the
driver's output is looped back to the receiver's input. The
resultant output on channel 3 is the receiver's TTL/CMOS
output. While loaded with a typical RS232 load, the driver's
output level only drops 0.2V from its open circuit voltage
while running that 1Mbps. The RS-232 output on channel 2
also shows good signal integrity while at the high data rates,
which allows the receiver to process the signal will minimum
skew and delay. Zywyn's low-drop driver circuitry working
with its efficient voltage regulator allows superior line driving
capability with the bonus of ±15kV ESD immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com