Electronic Components Datasheet Search
  English  ▼

X  

ZT213ECT Datasheet(PDF) 7 Page - Zywyn Corporation

Part # ZT213ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT213ECT Datasheet(HTML) 7 Page - Zywyn Corporation

Back Button ZT213ECT Datasheet HTML 3Page - Zywyn Corporation ZT213ECT Datasheet HTML 4Page - Zywyn Corporation ZT213ECT Datasheet HTML 5Page - Zywyn Corporation ZT213ECT Datasheet HTML 6Page - Zywyn Corporation ZT213ECT Datasheet HTML 7Page - Zywyn Corporation ZT213ECT Datasheet HTML 8Page - Zywyn Corporation ZT213ECT Datasheet HTML 9Page - Zywyn Corporation ZT213ECT Datasheet HTML 10Page - Zywyn Corporation ZT213ECT Datasheet HTML 11Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
7
August 2004
rev. 02
Pin Configuration
US Midwest
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
T3OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
Vcc
C1+
V+
C1-
C2+
C2-
V-
R3IN
R3OUT
T3IN
T4IN
T5OUT
T5IN
R2OUT
R2IN
T4OUT
T2OUT
T1OUT
R2IN
R2OUT
T1IN
R1OUT
R1IN
GND
Vcc
C1+
V+
C1-
C2+
C2-
V-
R4IN
R4OUT
T2IN
T3IN
T4OUT
T4IN
R3OUT
R3IN
T3OUT
ZYWYN
ZT208E
ZYWYN
ZT207E
ZYWYN
ZT211E
ZYWYN
ZT213E
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
Vcc
C1+
V+
C1-
C2+
C2-
V-
R5IN
R5OUT
T3IN
T4IN
R4OUT
R4IN
EN
___
SD
R3OUT
R3IN
T4OUT
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
Vcc
C1+
V+
C1-
C2+
C2-
V-
R5IN
R5OUT
T3IN
T4IN
R4OUT
R4IN
EN
SD
___
R3OUT
R3IN
T4OUT
24-pin SSOP/PDIP/WSOIC
24-pin SSOP/PDIP/WSOIC
28-pin SSOP/WSOIC
28-pin SSOP/WSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com