Electronic Components Datasheet Search
  English  ▼

X  

SN7400NS Datasheet(PDF) 10 Page - Texas Instruments

Part # SN7400NS
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7400NS Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN7400NS Datasheet HTML 6Page - Texas Instruments SN7400NS Datasheet HTML 7Page - Texas Instruments SN7400NS Datasheet HTML 8Page - Texas Instruments SN7400NS Datasheet HTML 9Page - Texas Instruments SN7400NS Datasheet HTML 10Page - Texas Instruments SN7400NS Datasheet HTML 11Page - Texas Instruments SN7400NS Datasheet HTML 12Page - Texas Instruments SN7400NS Datasheet HTML 13Page - Texas Instruments SN7400NS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
A
B
Y
10
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
www.ti.com
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4xx00 devices are quadruple, 2-input NAND gates which perform the Boolean function Y = A .B or Y =
A + B in positive logic.
8.2 Functional Block Diagram
8.3 Feature Description
The operating voltage of SN74xx00 is from 4.75-V to 5.25-V VCC. The operating voltage of SN54xx00 is from 4.5-
V to 5.5-V VCC. The SN54xx00 devices are rated from –55°C to 125°C whereas SN74xx00 device are rated from
0°C to 70°C.
8.4
Device Functional Modes
Table 1 lists the functions of the devices.
Table 1. Functional Table (Each Gate)
INPUTS
OUTPUT
A
B
Y
H
H
L
L
X
H
X
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com