Electronic Components Datasheet Search
  English  ▼

X  

SN7400NS Datasheet(PDF) 11 Page - Texas Instruments

Part # SN7400NS
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7400NS Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN7400NS Datasheet HTML 7Page - Texas Instruments SN7400NS Datasheet HTML 8Page - Texas Instruments SN7400NS Datasheet HTML 9Page - Texas Instruments SN7400NS Datasheet HTML 10Page - Texas Instruments SN7400NS Datasheet HTML 11Page - Texas Instruments SN7400NS Datasheet HTML 12Page - Texas Instruments SN7400NS Datasheet HTML 13Page - Texas Instruments SN7400NS Datasheet HTML 14Page - Texas Instruments SN7400NS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Error1
Error2
Error Flag
Sensor1
Sensor2
11
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
www.ti.com
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SNx4xx00 devices are quadruple, 2-input NAND gate. A typical application of NAND gate can be as an error
indicator as shown in Figure 3. If either of the sensor has an error, the error flag is high to indicate system error.
9.2 Typical Application
Figure 3. Typical Application Diagram
9.2.1 Design Requirements
These devices use BJT technology and have unbalanced output drive with IOL and IOH specified as per the
Recommended Operating Conditions.
9.2.2 Detailed Design Procedure
•
Recommended Input Conditions:
–
The inputs are TTL compliant.
–
Because the base-emitter junction at the inputs breaks down, no voltage greater than 5.5 V must be
applied to the inputs.
–
Specified high and low levels: See VIH and VIL in Recommended Operating Conditions.
•
Recommended Output Conditions:
–
No more than one output must be shorted at a time as per the Electrical Characteristics: SNx400 for
thermal stability and reliability.
–
For high-current applications, consider thermal characteristics of the package listed in Thermal
Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com