Electronic Components Datasheet Search
  English  ▼

X  

SN7400NS Datasheet(PDF) 13 Page - Texas Instruments

Part # SN7400NS
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7400NS Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN7400NS Datasheet HTML 9Page - Texas Instruments SN7400NS Datasheet HTML 10Page - Texas Instruments SN7400NS Datasheet HTML 11Page - Texas Instruments SN7400NS Datasheet HTML 12Page - Texas Instruments SN7400NS Datasheet HTML 13Page - Texas Instruments SN7400NS Datasheet HTML 14Page - Texas Instruments SN7400NS Datasheet HTML 15Page - Texas Instruments SN7400NS Datasheet HTML 16Page - Texas Instruments SN7400NS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Output
&
Input
Rs
V
CC
CC(min)
S(max)
IH
V
2.4 V
R
n I
CCP
S(min)
V
5.5 V
R
1 mA
13
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
www.ti.com
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
When using multiple bit logic, devices inputs must never float.
Devices with multiple-emitter inputs (SN74 and SN74S series) need special care. Because no voltage greater
than 5.5 V must be applied to the inputs (if exceeded, the base-emitter junction at the inputs breaks down), the
inputs of these devices must be connected to the supply voltage, VCC, through series resistor, RS (see Figure 5).
This resistor must be dimensioned such that the current flowing into the gate or gates, which results from
overvoltage, does not exceed 1 mA. However, because the high-level input current of the circuits connected to
the gate flows through this resistor, the resistor must be dimensioned so that the voltage drop across it still
allows the required high level. Equation 1 and Equation 2 are for dimensioning resistor, RS, and several inputs
can be connected to a high level through a single resistor if the following conditions are met.
(1)
where
•
n = number of inputs connected
•
IIH = high input current (typical 40 µA)
•
VCC(min) = minimum supply voltage, VCC
•
VCCP = maximum peak voltage of the supply voltage, VCC (about 7 V)
(2)
11.2 Layout Example
Figure 5. Series Resistor Connected to Unused Inputs of Multiple-Emitter Transistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com