Electronic Components Datasheet Search
  English  ▼

X  

SN7400NS Datasheet(PDF) 3 Page - Texas Instruments

Part # SN7400NS
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7400NS Datasheet(HTML) 3 Page - Texas Instruments

  SN7400NS Datasheet HTML 1Page - Texas Instruments SN7400NS Datasheet HTML 2Page - Texas Instruments SN7400NS Datasheet HTML 3Page - Texas Instruments SN7400NS Datasheet HTML 4Page - Texas Instruments SN7400NS Datasheet HTML 5Page - Texas Instruments SN7400NS Datasheet HTML 6Page - Texas Instruments SN7400NS Datasheet HTML 7Page - Texas Instruments SN7400NS Datasheet HTML 8Page - Texas Instruments SN7400NS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
4
1Y
5
NC
6
2A
7
NC
8
2B
14
3B
15
NC
16
4Y
17
NC
18
4A
Not to scale
1
1A
8
VCC
2
1B
7
2B
3
1Y
6
2A
4
GND
5
2Y
Not to scale
1
1A
14
4Y
2
1B
13
4B
3
1Y
12
4A
4
VCC
11
GND
5
2Y
10
3B
6
2A
9
3A
7
2B
8
3Y
Not to scale
1
1A
14
VCC
2
1B
13
4A
3
1Y
12
4B
4
2A
11
4Y
5
2B
10
3A
6
2Y
9
3B
7
GND
8
3Y
Not to scale
3
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
www.ti.com
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
SN5400 J, SN54xx00 J and W, SN74x00 D, N, and NS, or
SN74LS00 D, DB, N, and NS Packages
14-Pin CDIP, CFP, SOIC, PDIP, SO, or SSOP
Top View
SN5400 W Package
14-Pin CFP
Top View
SN74xx00 PS Package
18-Pin SO
Top View
SN54xx00 FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
CDIP, CFP, SOIC,
PDIP, SO, SSOP
SO
(SN74xx00)
CFP
(SN5400)
LCCC
1A
1
1
1
2
I
Gate 1 input
1B
2
2
2
3
I
Gate 1 input
1Y
3
3
3
4
O
Gate 1 output
2A
4
6
6
6
I
Gate 2 input
2B
5
7
7
8
I
Gate 2 input
2Y
6
5
5
9
O
Gate 2 output
3A
10
—
9
13
I
Gate 3 input
3B
9
—
10
14
I
Gate 3 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com