Electronic Components Datasheet Search
  English  ▼

X  

TUSB8020B Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020B
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB8020B Datasheet HTML 4Page - Texas Instruments TUSB8020B Datasheet HTML 5Page - Texas Instruments TUSB8020B Datasheet HTML 6Page - Texas Instruments TUSB8020B Datasheet HTML 7Page - Texas Instruments TUSB8020B Datasheet HTML 8Page - Texas Instruments TUSB8020B Datasheet HTML 9Page - Texas Instruments TUSB8020B Datasheet HTML 10Page - Texas Instruments TUSB8020B Datasheet HTML 11Page - Texas Instruments TUSB8020B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
TUSB8020B
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
7.7 Hub Input Supply Current
Typical values measured at TA = 25°C
PARAMETER
VDD33
VDD11
UNIT
3.3 V
1.1 V
LOW-POWER MODES
Power-on (after reset)
5
39
mA
Disconnect from host
5
39
mA
Suspend (USB2 host)
5
39
mA
Suspend (USB3 host)
6
40
mA
ACTIVE MODES (US STATE / DS STATE)
3.0 host / 1 SS device and hub in U1
50
218
mA
3.0 host / 1 SS device and hub in U0
50
342
mA
3.0 host / 2 SS devices and hub in U1
50
284
mA
3.0 host / 2 SS devices and hub in U0
50
456
mA
3.0 host / 1 SS and 1 HS device in U1
92
242
mA
3.0 host / 1 SS and 1 HS device in U0
93
364
mA
2.0 host / 1 HS device active
48
71
mA
2.0 host / 2 HS devices active
60
80
mA
SMBUS Programming current
79
225
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com