Electronic Components Datasheet Search
  English  ▼

X  

TUSB8020B Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020B
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020B Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB8020B Datasheet HTML 18Page - Texas Instruments TUSB8020B Datasheet HTML 19Page - Texas Instruments TUSB8020B Datasheet HTML 20Page - Texas Instruments TUSB8020B Datasheet HTML 21Page - Texas Instruments TUSB8020B Datasheet HTML 22Page - Texas Instruments TUSB8020B Datasheet HTML 23Page - Texas Instruments TUSB8020B Datasheet HTML 24Page - Texas Instruments TUSB8020B Datasheet HTML 25Page - Texas Instruments TUSB8020B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
TUSB8020B
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.5.1.18 Serial Number Registers (offset = 30h to 4Fh)
Figure 20. Register Offset 30h to 4Fh
7
6
5
4
3
2
1
0
X
X
x
x
x
x
x
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 21. Bit Descriptions – Serial Number Registers
Bit
Field Name
Access
Reset
Description
7:0
serialNumber[n]
RO/RW
Serial Number byte N. The serial number returned in the Serial Number string descriptor
at string index 1. The default value of these registers is set by TI. When customSernum is
1, these registers may be overwritten by EEPROM contents or by an SMBus host.
8.5.1.19 Manufacturer String Registers (offset = 50h to 8Fh)
Figure 21. Register Offset 50h to 8Fh
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 22. Bit Descriptions – Manufacturer String Registers
Bit
Field Name
Access
Reset
Description
7:0
mfgStringByte[n]
RO/RW
Manufacturer string byte N. These registers provide the string values returned for string
index 3 when mfgStringLen is greater than 0. The number of bytes returned in the string is
equal to mfgStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined by The
Unicode Standard, Worldwide Character Encoding, Version 5.0.
8.5.1.20 Product String Registers (offset = 90h to CFh)
Figure 22. Register Offset 90h to CFh
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 23. Bit Descriptions – Product String Byte N Register
Bit
Field Name
Access
Reset
Description
7:0
prodStringByte[n]
RW
Product string byte N. These registers provide the string values returned for string
index 2 when prodStringLen is greater than 0. The number of bytes returned in the
string is equal to prodStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined by
The Unicode Standard, Worldwide Character Encoding, Version 5.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com