Electronic Components Datasheet Search
  English  ▼

X  

TUSB8020B Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020B
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020B Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB8020B Datasheet HTML 11Page - Texas Instruments TUSB8020B Datasheet HTML 12Page - Texas Instruments TUSB8020B Datasheet HTML 13Page - Texas Instruments TUSB8020B Datasheet HTML 14Page - Texas Instruments TUSB8020B Datasheet HTML 15Page - Texas Instruments TUSB8020B Datasheet HTML 16Page - Texas Instruments TUSB8020B Datasheet HTML 17Page - Texas Instruments TUSB8020B Datasheet HTML 18Page - Texas Instruments TUSB8020B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.5.1.4 Product ID LSB Register (offset = 3h) [reset = 25h]
Figure 6. Register Offset 3h
7
6
5
4
3
2
1
0
0
0
1
0
0
1
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 7. Product ID LSB Register
Bit
Field
Type
Reset
Description
7:0
productIdLsb
R/W
25h
Product ID LSB. Least significant byte of the product ID assigned by TI and reported in
the SuperSpeed device descriptor. The default value of this register is 25h representing
the LSB of the SuperSpeed product ID assigned by TI. The value reported in the USB
2.0 device descriptor is the value of this register bit wise XORed with 00000010b. The
value may be overwritten to indicate a customer product ID.
This field is read/write unless the OTP ROM VID and OTP ROM PID values are non-
zero. If both values are non-zero, the value when reading this register shall reflect the
OTP ROM value.
8.5.1.5 Product ID MSB Register (offset = 4h) [reset = 80h]
Figure 7. Register Offset 4h
7
6
5
4
3
2
1
0
1
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 8. Bit Descriptions – Product ID MSB Register
Bit
Field
Type
Reset
Description
7:0
productIdLsb
R/W
80h
Product ID MSB. Most significant byte of the product ID assigned by TI; the default
value of this register is 80h representing the MSB of the product ID assigned by TI. The
value may be overwritten to indicate a customer product ID.
This field is read/write unless the OTP ROM VID and OTP ROM PID values are non-
zero. If both values are non-zero, the value when reading this register will reflect the
OTP ROM value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com