Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 5 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 5 Page - Analog Devices

  AD795 Datasheet HTML 1Page - Analog Devices AD795 Datasheet HTML 2Page - Analog Devices AD795 Datasheet HTML 3Page - Analog Devices AD795 Datasheet HTML 4Page - Analog Devices AD795 Datasheet HTML 5Page - Analog Devices AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD795
Rev. D | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation (at TA = +25°C)
SOIC Package
500 mW
Input Voltage
±VS
Input Current1
±10 mA
Output Short-Circuit Duration
Indefinite
Differential Input Voltage
+VS and −VS
Storage Temperature Range (R)
−65°C to +125°C
Operating Temperature Range
AD795J
0°C to +70°C
1
Limit input current to 10 mA or less whenever the input signal exceeds the
power supply rail by 0.1 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered on a 4-layer circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC
155
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com