Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 9 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD795 Datasheet HTML 5Page - Analog Devices AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices AD795 Datasheet HTML 10Page - Analog Devices AD795 Datasheet HTML 11Page - Analog Devices AD795 Datasheet HTML 12Page - Analog Devices AD795 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD795
Rev. D | Page 9 of 20
30
25
20
15
10
5
0
1k
10k
100k
1M
FREQUENCY (Hz)
RL = 10kΩ
Figure 22. Large Signal Frequency Response
1000
100
10
1
0.1
1k
10k
100k
FREQUENCY (Hz)
1M
10M
Figure 23. Closed-Loop Output Impedance vs. Frequency
–60
–70
–80
–90
–100
–110
–120
100
1k
10k
100k
FREQUENCY (Hz)
VIN = 3V rms
RL = 10kΩ
Figure 24. Total Harmonic Distortion vs. Frequency
2.0
1.5
1.0
0.5
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 25. Quiescent Supply Current vs. Supply Voltage
50
40
30
20
10
0
–500 –400 –300 –200 –100
0
100
200
300
400
500
INPUT OFFSET VOLTAGE (µV)
SAMPLE SIZE = 1419
Figure 26. Typical Distribution of Input Offset Voltage
7
4
3
6
2
10kΩ
10kΩ
+VS
VIN
VOUT
–VS
0.1µF
0.1µF
CL
100pF
RL
10kΩ
AD795
Figure 27. Unity Gain Inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com