Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 12 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices AD795 Datasheet HTML 10Page - Analog Devices AD795 Datasheet HTML 11Page - Analog Devices AD795 Datasheet HTML 12Page - Analog Devices AD795 Datasheet HTML 13Page - Analog Devices AD795 Datasheet HTML 14Page - Analog Devices AD795 Datasheet HTML 15Page - Analog Devices AD795 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD795
Data Sheet
Rev. D | Page 12 of 20
CIRCUIT BOARD NOTES
The AD795 is designed for mounting on printed circuit boards
(PCBs). Maintaining picoampere resolution in those environ-
ments requires a lot of care. Both the board and the amplifier’s
package have finite resistance. Voltage differences between the
input pins and other pins as well as PCB metal traces causes
parasitic currents (see Figure 33) larger than the AD795’s input
current unless special precautions are taken. Two methods of
minimizing parasitic leakages include guarding of the input lines
and maintaining adequate insulation resistance.
Figure 34 and Figure 35 show the recommended guarding
schemes for noninverting and inverting topologies. Pin 1 is not
connected, and can be safely connected to the guard. The high
impedance input trace should be guarded on both edges for its
entire length.
3
6
2
AD795
+
–
VOUT
CF
VE
VS
IP
IS
RF
CP
RP
VS
IP =
VS
RP
dCP
dT
dV
dT
CP
++
Figure 33. Sources of Parasitic Leakage Currents
NOTES
1. ON THE “R” PACKAGE PIN 1, PIN 5, AND PIN 8 ARE OPEN
AND CAN BE CONNECTED TO ANALOG COMMON OR TO
THE DRIVEN GUARD TO REDUCE LEAKAGE.
3
6
2
AD795
+
–
VOUT
CF
IS
RF
GUARD
1
2
3
4
8
7
6
5
TOP VIEW
(“R” PACKAGE)
8
7
6
5
Figure 34. Guarding Scheme—lnverter
GUARD TRACES
INPUT
TRACE
1
2
3
4
8
7
6
5
AD795
TOP VIEW
8
7
6
5
CONNECT TO JUNCTION OF
RF AND RI OR TO PIN 6 FOR
UNITY GAIN.
2
6
3
AD795
+
VOUT
VS
RF
GUARD
RI
–
Figure 35. Guard Scheme—Follower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com