Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 7 Page - Analog Devices

Part # LT1360
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices LT1360 Datasheet HTML 9Page - Analog Devices LT1360 Datasheet HTML 10Page - Analog Devices LT1360 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1210
7
Rev C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs
Shutdown Pin Current
Input Common Mode Limit vs
Junction Temperature
Output Short-Circuit Current vs
Junction Temperature
Output Saturation Voltage vs
Junction Temperature
Power Supply Rejection Ratio
vs Frequency
Supply Current vs Large-Signal
Output Frequency (No Load)
Supply Current vs Supply Voltage
Supply Current vs
Ambient Temperature, VS = ±5V
Supply Current vs
Ambient Temperature, VS = ±15V
4
8
12
40
38
36
34
32
30
28
26
24
22
20
6
10
14
16
18
SUPPLY VOLTAGE (±V)
1210 G10
TA = 25°C
TA = 85°C
TA = 125°C
RSD = 0
TA = –40°C
TEMPERATURE (°C)
–50
40
35
30
25
20
15
10
5
0
0
50
75
1210 G11
–25
25
100 125
AV = 1
RL = ∞
RSD = 0Ω
RSD = 7.5k
RSD = 15k
TEMPERATURE (°C)
–50
40
35
30
25
20
15
10
5
0
0
50
75
1210 G12
–25
25
100 125
AV = 1
RL = ∞
RSD = 0
RSD = 47.5k
RSD = 82.5k
SHUTDOWN PIN CURRENT (µA)
0
40
35
30
25
20
15
10
5
0
400
1210 G13
100
200
300
500
VS = ±15V
TEMPERATURE (°C)
–50
V–
0.5
1.5
2.0
–2.0
75
V+
1210 G14
1.0
0
125
–1.5
–1.0
–0.5
50
–25
100
25
TEMPERATURE (°C)
–50
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
25
75
1210 G15
–25
0
50
100
125
SOURCING
SINKING
TEMPERATURE (°C)
–50
4
3
2
1
V–
75
V+
–1
–2
–3
–4
1210 G16
0
125
50
–25
100
25
VS = ±15V
RL = 2k
RL = 10
RL = 10
RL = 2k
FREQUENCY (Hz)
20
40
60
70
10k
1M
10M
100M
1210 G17
0
100k
50
30
10
RL = 50
VS = ±15V
RF = RG = 1k
NEGATIVE
POSITIVE
FREQUENCY (Hz)
10k
100
90
80
70
60
50
40
30
20
100k
1M
10M
1210 G18
AV = 2
RL = ∞
VS = ±15V
VOUT = 20VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com