Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 11 Page - Analog Devices

Part # LT1360
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices LT1360 Datasheet HTML 9Page - Analog Devices LT1360 Datasheet HTML 10Page - Analog Devices LT1360 Datasheet HTML 11Page - Analog Devices LT1360 Datasheet HTML 12Page - Analog Devices LT1360 Datasheet HTML 13Page - Analog Devices LT1360 Datasheet HTML 14Page - Analog Devices LT1360 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1210
11
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
the bandwidth is reduced. The photos in Figure 5 show
the large-signal response of the LT1210 for various gain
configurations. The slew rate varies from 770V/µs for a
gain of 1, to 1100V/µs for a gain of –1.
When the LT1210 is used to drive capacitive loads, the
available output current can limit the overall slew rate. In
the fastest configuration, the LT1210 is capable of a slew
rate of over 1V/ns. The current required to slew a capaci-
tor at this rate is 1mA per picofarad of capacitance, so
10,000pF would require 10A! The photo (Figure 6) shows
the large-signal behavior with CL = 10,000pF. The slew
rate is about 150V/µs, determined by the current limit of
1.5A.
Differential Input Signal Swing
The differential input swing is limited to about ±6V by
an ESD protection device connected between the inputs.
In normal operation, the differential voltage between the
input pins is small, so this clamp has no effect; however,
in the shutdown mode the differential swing can be the
same as the input swing. The clamp voltage will then set
the maximum allowable input voltage. To allow for some
margin, it is recommended that the input signal be less
than ±5V when the device is shut down.
Capacitance on the Inverting Input
Current feedback amplifiers require resistive feedback
from the output to the inverting input for stable operation.
Take care to minimize the stray capacitance between the
output and the inverting input. Capacitance on the invert-
ing input to ground will cause peaking in the frequency
response (and overshoot in the transient response), but
it does not degrade the stability of the amplifier.
(a) AV = 1
(b) AV = –1
(c) AV = 2
Figure 5. Large-Signal Response
RF = 825Ω
RL = 10Ω
VS = ±15V
1210 F05a
RF = RG = 750Ω
RL = 10Ω
VS = ±15V
1210 F05b
RF = RG = 750Ω
RL = 10Ω
VS = ±15V
1210 F05c
RF = RG = 3kΩ
RL = ∞
VS = ±15V
1210 F06
Figure 6. Large-Signal Response, CL = 10,000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com