Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 1 Page - Analog Devices

Part # LT1360
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 1 Page - Analog Devices

  LT1360 Datasheet HTML 1Page - Analog Devices LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices LT1360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1210
1
Rev C
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
DESCRIPTION
1.1A, 35MHz Current
Feedback Amplifier
The LT®1210 is a current feedback amplifier with high
output current and excellent large-signal characteristics.
The combination of high slew rate, 1.1A output drive
and ±15V operation enables the device to deliver signifi-
cant power at frequencies in the 1MHz to 2MHz range.
Short-circuit protection and thermal shutdown ensure
the device’s ruggedness. The LT1210 is stable with large
capacitive loads, and can easily supply the large currents
required by the capacitive loading. A shutdown feature
switches the device into a high impedance and low sup-
ply current mode, reducing dissipation when the device
is not in use. For lower bandwidth applications, the sup-
ply current can be reduced with a single external resistor.
The LT1210 is available in the TO-220 and DD pack-
ages for operation with supplies up to ±15V. For ±5V
applications the device is also available in a low thermal
resistance SO-16 package.
Twisted Pair Driver
FEATURES
APPLICATIONS
n
1.1A Minimum Output Drive Current
n
35MHz Bandwidth, AV = 2, RL = 10Ω
n
900V/µs Slew Rate, AV = 2, RL = 10Ω
n
High Input Impedance: 10MΩ
n
Wide Supply Range: ±5V to ±15V
(TO-220 and DD Packages)
n
Enhanced θJA SO-16 Package for ±5V Operation
n
Shutdown Mode: IS < 200µA
n
Adjustable Supply Current
n
Stable with CL = 10,000pF
n
Operating Temperature Range: –40°C to 85°C
n
Available in 7-Lead DD, TO-220 and
n
16-Lead SO Packages
n
Cable Drivers
n
Buffers
n
Test Equipment Amplifiers
n
Video Amplifiers
n
ADSL Drivers
Total Harmonic Distortion vs Frequency
–
+
LT1210
VIN
4.7µF*
4.7µF*
100nF
1210 TA01
RT
11
2.5W
T1**
845
3
1
274
100nF
SD
15V
–15V
* TANTALUM
** MIDCOM 671-7783 OR EQUIVALENT
RL
100
2.5W
+
FREQUENCY (Hz)
1k
–50
–60
–70
–80
–90
–100
10k
100k
1M
1210 TA02
VS = ±15V
VOUT = 20VP-P
AV = 4
RL = 10
RL = 50
RL = 12.5
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LT1360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
50MHz, 800V/us Op Amp
LT1360 LINER-LT1360 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1360 LINER-LT1360 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
logo
Analog Devices
LT1360 AD-LT1360 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
LT1360 AD-LT1360 Datasheet
216Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
More results

Similar Description - LT1360

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1210 LINER-LT1210_06 Datasheet
504Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
LT1210X AD-LT1210X Datasheet
618Kb / 4P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com