Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 9 Page - Analog Devices

Part # LT1360
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices LT1360 Datasheet HTML 9Page - Analog Devices LT1360 Datasheet HTML 10Page - Analog Devices LT1360 Datasheet HTML 11Page - Analog Devices LT1360 Datasheet HTML 12Page - Analog Devices LT1360 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1210
9
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
The LT1210 is a current feedback amplifier with high out-
put current drive capability. The device is stable with large
capacitive loads and can easily supply the high currents
required by capacitive loads. The amplifier will drive low
impedance loads such as cables with excellent linearity
at high frequencies.
Feedback Resistor Selection
The optimum value for the feedback resistors is a function
of the operating conditions of the device, the load imped-
ance and the desired flatness of response. The Typical AC
Performance tables give the values which result in less
than 1dB of peaking for various resistive loads and oper-
ating conditions. If this level of flatness is not required,
a higher bandwidth can be obtained by use of a lower
feedback resistor. The characteristic curves of Bandwidth
vs Supply Voltage indicate feedback resistors for peak-
ing up to 5dB. These curves use a solid line when the
response has less than 1dB of peaking and a dashed line
when the response has 1dB to 5dB of peaking. The curves
stop where the response has more than 5dB of peaking.
For resistive loads, the COMP pin should be left open (see
Capacitive Loads section).
Capacitive Loads
The LT1210 includes an optional compensation network
for driving capacitive loads. This network eliminates most
of the output stage peaking associated with capacitive
loads, allowing the frequency response to be flattened.
Figure 1 shows the effect of the network on a 200pF load.
Without the optional compensation, there is a 6dB peak
at 40MHz caused by the effect of the capacitance on the
output stage. Adding a 0.01µF bypass capacitor between
the output and the COMP pins connects the compensation
and greatly reduces the peaking. A lower value feedback
resistor can now be used, resulting in a response which
is flat to ±1dB to 40MHz. The network has the greatest
effect for CL in the range of 0pF to 1000pF. The graphs of
Bandwidth and Feedback Resistance vs Capacitive Load
can be used to select the appropriate value of feedback
resistor. The values shown are for 1dB and 5dB peaking at
a gain of 2 with no resistive load. This is a worst-case con-
dition, as the amplifier is more stable at higher gains and
with some resistive load in parallel with the capacitance.
Also shown is the –3dB bandwidth with the suggested
feedback resistor vs the load capacitance.
Although the optional compensation works well with
capacitive loads, it simply reduces the bandwidth when
it is connected with resistive loads. For instance, with a
10Ω load, the bandwidth drops from 35MHz to 26MHz
when the compensation is connected. Hence, the com-
pensation was made optional. To disconnect the optional
compensation, leave the COMP pin open.
Shutdown/Current Set
If the shutdown feature is not used, the SHUTDOWN pin
must be connected to ground or V–.
The Shutdown pin can be used to either turn off the bias-
ing for the amplifier, reducing the quiescent current to
less than 200µA, or to control the quiescent current in
normal operation.
The total bias current in the LT1210 is controlled by
the current flowing out of the Shutdown pin. When the
Shutdown pin is open or driven to the positive supply,
the part is shut down. In the shutdown mode, the output
looks like a 70pF capacitor and the supply current is typi-
cally less than 100µA. The Shutdown pin is referenced to
the positive supply through an internal bias circuit (see
the Simplified Schematic). An easy way to force shutdown
is to use open-drain (collector) logic. The circuit shown
in Figure 2 uses a 74C906 buffer to interface between 5V
logic and the LT1210. The switching time between the
active and shutdown states is about 1µs. A 24kΩ pull-up
Figure 1.
FREQUENCY (MHz)
1
–6
–2
2
6
10
10
100
1210 F01
–4
0
4
8
12
14
VS = ±15V
CL = 200pF
RF = 1.5k
COMPENSATION
RF = 3.4k
NO COMPENSATION
RF = 3.4k
COMPENSATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com