Electronic Components Datasheet Search
  English  ▼

X  

OP2177ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP2177ARMZ
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP2177ARMZ Datasheet HTML 7Page - Analog Devices OP2177ARMZ Datasheet HTML 8Page - Analog Devices OP2177ARMZ Datasheet HTML 9Page - Analog Devices OP2177ARMZ Datasheet HTML 10Page - Analog Devices OP2177ARMZ Datasheet HTML 11Page - Analog Devices OP2177ARMZ Datasheet HTML 12Page - Analog Devices OP2177ARMZ Datasheet HTML 13Page - Analog Devices OP2177ARMZ Datasheet HTML 14Page - Analog Devices OP2177ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
OP1177/OP2177/OP4177
Rev. I | Page 11 of 24
CAPACITANCE (pF)
10
100
1k
1
10k
45
40
35
30
25
20
15
10
5
50
0
+OS
–OS
VSY = ±5V
RL = 2kΩ
VIN = 100mV
Figure 37. Small Signal Overshoot vs. Load Capacitance
TIME (4µs/DIV)
+200mV
0V
–15V
0V
VSY = ±5V
RL = 10kΩ
AV = –100
VIN = 200mV
INPUT
OUTPUT
Figure 38. Positive Overvoltage Recovery
TIME (4µs/DIV)
0V
–200mV
0V
5V
VSY = ±5V
RL = 10kΩ
AV = –100
VIN = 200mV
INPUT
OUTPUT
Figure 39. Negative Overvoltage Recovery
TIME (200µs/DIV)
GND
VS = ±5V
AV = 1
RL = 10kΩ
INPUT
OUTPUT
Figure 40. No Phase Reversal
FREQUENCY (Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
140
0
10
10M
VSY = ±5V
Figure 41. CMRR vs. Frequency
FREQUENCY (Hz)
100
1k
10k
100k
1M
160
120
80
40
200
0
10
10M
VSY = ±5V
140
100
60
20
180
+PSRR
–PSRR
Figure 42. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com