Electronic Components Datasheet Search
  English  ▼

X  

OP2177ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # OP2177ARMZ
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button OP2177ARMZ Datasheet HTML 16Page - Analog Devices OP2177ARMZ Datasheet HTML 17Page - Analog Devices OP2177ARMZ Datasheet HTML 18Page - Analog Devices OP2177ARMZ Datasheet HTML 19Page - Analog Devices OP2177ARMZ Datasheet HTML 20Page - Analog Devices OP2177ARMZ Datasheet HTML 21Page - Analog Devices OP2177ARMZ Datasheet HTML 22Page - Analog Devices OP2177ARMZ Datasheet HTML 23Page - Analog Devices OP2177ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
OP1177/OP2177/OP4177
Data Sheet
Rev. I | Page 20 of 24
200Ω
500Ω
4.37kΩ
100Ω
100Ω
20Ω
4.12kΩ
4.12kΩ
5kΩ
49.9kΩ
ADR421
+15V
0.1µF
V+
100Ω
RTD
1/2
OP2177
7
6
5
1/2
OP2177
1
8
2
3
4
V–
VOUT
VOUT
Figure 65. Low Power Linearized RTD Circuit
SINGLE OPERATIONAL AMPLIFIER BRIDGE
The low input offset voltage drift of the OP1177 makes it very
effective for bridge amplifier circuits used in RTD signal condi-
tioning. It is often more economical to use a single bridge
operational amplifier as opposed to an instrumentation amplifier.
In the circuit shown in Figure 66, the output voltage at the
operational amplifier is
 
 
1
1
R2
R1
R
R1
V
R
R2
V
REF
O
where δ = ΔR/R is the fractional deviation of the RTD
resistance with respect to the bridge resistance due to the change
in temperature at the RTD.
For δ << 1, the preceding expression becomes


 


REF
REF
O
V
R2
R1
R2
R1
R
R2
R2
R1
R
R1
V
R
R2
V
1
1
With VREF constant, the output voltage is linearly proportional
to δ with a gain factor of


 
R2
R1
R2
R1
R
R2
V
REF
1
R
R
R
R(1+δ)
ADR421
15V
0.1µF
OP1177
6
7
4
2
3
V+
V–
RF
RF
VOUT
Figure 66. Single Bridge Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com