Electronic Components Datasheet Search
  English  ▼

X  

OP2177ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # OP2177ARMZ
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button OP2177ARMZ Datasheet HTML 12Page - Analog Devices OP2177ARMZ Datasheet HTML 13Page - Analog Devices OP2177ARMZ Datasheet HTML 14Page - Analog Devices OP2177ARMZ Datasheet HTML 15Page - Analog Devices OP2177ARMZ Datasheet HTML 16Page - Analog Devices OP2177ARMZ Datasheet HTML 17Page - Analog Devices OP2177ARMZ Datasheet HTML 18Page - Analog Devices OP2177ARMZ Datasheet HTML 19Page - Analog Devices OP2177ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
OP1177/OP2177/OP4177
Data Sheet
Rev. I | Page 16 of 24
OP1177
6
7
2
3
4
V+
V–
R2
100kΩ
VOUT
10kΩ
R1
1kΩ
+
–
200mV
Figure 54. Test Circuit for Overload Recovery Time
Figure 18 shows the positive overload recovery time of the
OP1177. The output recovers in less than 4 μs after being
overdriven by more than 100%.
The negative overload recovery of the OP1177 is 1.4 μs, as seen
in Figure 19.
THD + NOISE
The OPx177 has very low total harmonic distortion. This indicates
excellent gain linearity and makes the OPx177 a great choice for
high closed-loop gain precision circuits.
Figure 55 shows that the OPx177 has approximately 0.00025%
distortion in unity gain, the worst-case configuration for distortion.
FREQUENCY (Hz)
100
1k
0.001
0.01
20
6k
0.0001
0.1
VSY = ±15V
RL = 10kΩ
BW = 22kHz
Figure 55. THD + N vs. Frequency
CAPACITIVE LOAD DRIVE
OPx177 is inherently stable at all gains and capable of driving
large capacitive loads without oscillation. With no external
compensation, the OPx177 safely drives capacitive loads up to
1000 pF in any configuration. As with virtually any amplifier,
driving larger capacitive loads in unity gain requires additional
circuitry to assure stability.
In this case, a snubber network is used to prevent oscillation
and reduce the amount of overshoot. A significant advantage of
this method is that it does not reduce the output swing because
the Resistor RS is not inside the feedback loop.
Figure 56 is a scope shot of the output of the OPx177 in
response to a 400 mV pulse. The load capacitance is 2 nF. The
circuit is configured in positive unity gain, the worst-case
condition for stability.
As shown in Figure 58, placing an R-C network parallel to the
load capacitance (CL) allows the amplifier to drive higher values
of CL without causing oscillation or excessive overshoot.
There is no ringing, and overshoot is reduced from 27% to 5%
using the snubber network.
Optimum values for RS and CS are tabulated in Table 5 for
several capacitive loads, up to 200 nF. Values for other capacitive
loads can be determined experimentally.
Table 5. Optimum Values for Capacitive Loads
CL
RS
CS
10 nF
20 Ω
0.33 μF
50 nF
30 Ω
6.8 nF
200 nF
200 Ω
0.47 μF
0
GND
TIME (10µs/DIV)
VSY = ±5V
RL = 10kΩ
CL = 2nF
Figure 56. Capacitive Load Drive Without Snubber
GND
TIME (10µs/DIV)
VSY = ±5V
RL = 10kΩ
RS = 200Ω
CL = 2nF
CS = 0.47µF
Figure 57. Capacitive Load Drive with Snubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com