Electronic Components Datasheet Search
  English  ▼

X  

OP2177ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP2177ARMZ
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP2177ARMZ Datasheet HTML 8Page - Analog Devices OP2177ARMZ Datasheet HTML 9Page - Analog Devices OP2177ARMZ Datasheet HTML 10Page - Analog Devices OP2177ARMZ Datasheet HTML 11Page - Analog Devices OP2177ARMZ Datasheet HTML 12Page - Analog Devices OP2177ARMZ Datasheet HTML 13Page - Analog Devices OP2177ARMZ Datasheet HTML 14Page - Analog Devices OP2177ARMZ Datasheet HTML 15Page - Analog Devices OP2177ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
OP1177/OP2177/OP4177
Data Sheet
Rev. I | Page 12 of 24
TIME (1s/DIV)
VSY = ±5V
Figure 43. 0.1 Hz to 10 Hz Input Voltage Noise
FREQUENCY (Hz)
16
14
12
10
8
6
4
18
2
50
100
150
200
0250
VSY = ±5V
Figure 44. Voltage Noise Density vs. Frequency
+ISC
–ISC
TEMPERATURE (°C)
30
25
20
15
10
5
0
50
100
35
0
–50
150
VSY = ±5V
Figure 45. Short-Circuit Current vs. Temperature
4.40
4.00
4.30
4.05
4.25
4.20
4.15
4.10
4.35
+VOH
–VOL
TEMPERATURE (°C)
0
50
100
–50
150
VSY = ±5V
Figure 46. Output Voltage Swing vs. Temperature
0
10
5
20
25
15
TEMPERATURE (°C)
VSY = ±5V
0
50
100
–50
150
Figure 47. Input Offset Voltage vs. Temperature
0
300
200
500
600
400
TEMPERATURE (°C)
0
50
100
–50
150
100
VSY = ±5V
VSY = ±15V
Figure 48. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com