Electronic Components Datasheet Search
  English  ▼

X  

MAX26239 Datasheet(PDF) 5 Page - Analog Devices

Part # MAX26239
Description  4.5V to 36V, 6A Buck-Boost Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX26239 Datasheet(HTML) 5 Page - Analog Devices

  MAX26239 Datasheet HTML 1Page - Analog Devices MAX26239 Datasheet HTML 2Page - Analog Devices MAX26239 Datasheet HTML 3Page - Analog Devices MAX26239 Datasheet HTML 4Page - Analog Devices MAX26239 Datasheet HTML 5Page - Analog Devices MAX26239 Datasheet HTML 6Page - Analog Devices MAX26239 Datasheet HTML 7Page - Analog Devices MAX26239 Datasheet HTML 8Page - Analog Devices MAX26239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MAX26239/MAX26240
4.5V to 36V, 6A Buck-Boost Converters
www.analog.com
Analog Devices | 5
(VSUP = VEN = 14V, TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C. Note 1 and Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Overvoltage
Threshold
VOUT_OVP
Detected with respect to VFB rising
106
108
110
%
Output Overvoltage
Hysteresis
VOUT_OVP_HY
S
3
%
PGOOD Threshold
VPGOOD_TH
% of VOUT, VOUT rising
92
94
96
%
% of VOUT, VOUT falling
91
93
95
PGOOD Output Low
Voltage
VPGOOD_LOW ISINK = 1mA
0.2
V
PGOOD Leakage
Current
IPGOOD_LKG
VPGOOD = 5.5V, TA = +25°C
1
μA
PGOOD Debounce
Time
tPGOOD_DB
Fault detection, rising and falling
40
μs
LOGIC INPUTS (EN, SYNC, SPS)
Input High Level
VHIGH
Voltage rising
1.3
V
Input Low Level
VLOW
Voltage falling
0.5
V
Input Leakage Current
(EN, SPS)
IIN_LEAK
TA = +25°C
1
μA
Input Leakage Current
(SYNC)
IIN_LEAK
TA = +25°C, SYNC = 1.8V, EN = high
20
50
μA
THERMAL SHUTDOWN
Thermal Shutdown
Threshold
TSHDN
Note 3
175
°C
Thermal Shutdown
Hysteresis
TSHDN_HYS
Note 3
20
°C
Note 1: All units are 100% production tested at +25°C. All temperature limits are guaranteed by design and characterization.
Note 2: The device is designed for continuous operation up to TJ = +125°C for 95,000 hours and TJ = +150°C for 5,000 hours.
Note 3: Guaranteed by design, not production tested.
Note 4: Boost mode current limit.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com