Electronic Components Datasheet Search
  English  ▼

X  

MAX26239 Datasheet(PDF) 18 Page - Analog Devices

Part # MAX26239
Description  4.5V to 36V, 6A Buck-Boost Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX26239 Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX26239 Datasheet HTML 12Page - Analog Devices MAX26239 Datasheet HTML 13Page - Analog Devices MAX26239 Datasheet HTML 14Page - Analog Devices MAX26239 Datasheet HTML 15Page - Analog Devices MAX26239 Datasheet HTML 16Page - Analog Devices MAX26239 Datasheet HTML 17Page - Analog Devices MAX26239 Datasheet HTML 18Page - Analog Devices MAX26239 Datasheet HTML 19Page - Analog Devices MAX26239 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MAX26239/MAX26240
4.5V to 36V, 6A Buck-Boost Converters
www.analog.com
Analog Devices | 18
Typical Application Circuits
2.1MHz Application Circuit: ILIM = 8.2A, VOUT = 5V
L
MAX26239
LX1
LX2
VOUT
COUT
VBAT
CIN
VCC
COMP
RC
CC
SYNC
AGND
BST1
OUT
CBST1
SUP
PGND2
PGND1
CBST2
BST2
FB
CF
SPS
EN
PGOOD
2 x 4.7µF
CVCC
4.7µF
4 x 22µF
2.2µH
0.1µF
0.1µF
400kHz Application Circuit: ILIM = 10A, VOUT = 5V
L
MAX26240
LX1
LX2
VOUT
COUT
VBAT
CIN
VCC
COMP
RC
CC
SYNC
AGND
BST1
OUT
CBST1
SUP
PGND2
PGND1
CBST2
BST2
FB
CF
SPS
EN
PGOOD
2 x 4.7µF
CVCC
4.7µF
4 x 22µF
4.7µH
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com