Electronic Components Datasheet Search
  English  ▼

X  

MAX26239 Datasheet(PDF) 19 Page - Analog Devices

Part # MAX26239
Description  4.5V to 36V, 6A Buck-Boost Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX26239 Datasheet(HTML) 19 Page - Analog Devices

Back Button MAX26239 Datasheet HTML 12Page - Analog Devices MAX26239 Datasheet HTML 13Page - Analog Devices MAX26239 Datasheet HTML 14Page - Analog Devices MAX26239 Datasheet HTML 15Page - Analog Devices MAX26239 Datasheet HTML 16Page - Analog Devices MAX26239 Datasheet HTML 17Page - Analog Devices MAX26239 Datasheet HTML 18Page - Analog Devices MAX26239 Datasheet HTML 19Page - Analog Devices MAX26239 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MAX26239/MAX26240
4.5V to 36V, 6A Buck-Boost Converters
www.analog.com
Analog Devices | 19
Ordering Information
PART NUMBER
CURRENT LIMIT
ILIM (A)
FIXED VOUT
OPTIONS (V)**
ADJ
VOUT (V)
SWITCHING
FREQUENCY (kHz)
MAX26239AFFAY+
8.2
5
<6.5
2100
MAX26239AFFBY+
8.2
5
<6.5
400
MAX26239AFFDY+
8.2
10.5
>6.5
2100
MAX26239AFFFY+
8.2
11.5
>6.5
400
MAX26240AFFAY+
10
5
<6.5
2100
MAX26240AFFBY+
10
5
<6.5
400
MAX26240AFFDY+
10
10.5
>6.5
2100
+ Denotes a lead(Pb)-free/RoHS-compliant package.
T Denotes tape-and-reel.
** Contact factory for options that include:
• Fixed VOUT options from 3V to 15V
• SYNC input or output
• PGOOD assertion time delay options of 5ms and 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com