Electronic Components Datasheet Search
  English  ▼

X  

UDA1328 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UDA1328
Description  Multi-channel filter DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1328 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UDA1328 Datasheet HTML 4Page - NXP Semiconductors UDA1328 Datasheet HTML 5Page - NXP Semiconductors UDA1328 Datasheet HTML 6Page - NXP Semiconductors UDA1328 Datasheet HTML 7Page - NXP Semiconductors UDA1328 Datasheet HTML 8Page - NXP Semiconductors UDA1328 Datasheet HTML 9Page - NXP Semiconductors UDA1328 Datasheet HTML 10Page - NXP Semiconductors UDA1328 Datasheet HTML 11Page - NXP Semiconductors UDA1328 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2000 Jan 04
8
Philips Semiconductors
Preliminary specification
Multi-channel filter DAC
UDA1328T
8.7.2
DE-EMPHASIS CONTROL
In static pin mode the pins DEEM0 and DEEM1 control the
de-emphasis mode; see Table 3.
Table 3
De-emphasis control
8.7.3
DIGITAL INTERFACE FORMATS
In static pin mode the digital audio interface formats can be
selected via pin 17 (SF1) and 19 (SF0). The following
interface formats can be selected (see also Table 4):
• I2S-bus with data word length of up to 24 bits
• LSB-justified format with data word length of
16, 20 or 24 bits.
Table 4
Input format selection in the static mode
It should be noted that the digital audio interface holds that
the BCK frequency can be 64 times the WS maximum
frequency, or fBCK ≤ 64 × fWS
DEEM MODE
DEEM1
DEEM0
No de-emphasis
0
0
32 kHz de-emphasis
0
1
44.1 kHz de-emphasis
1
0
48 kHz de-emphasis
1
1
INPUT FORMAT
SF1
SF0
I2S-bus
0
0
LSB-justified 16 bits
0
1
LSB-justified 20 bits
1
0
LSB-justified 24 bits
1
1
8.8
L3 mode
The device is set to L3 mode by setting the STATIC pin to
LOW. The device can then be controlled via the L3
microcontroller interface (see Chapter 9).
8.8.1
DIGITAL INTERFACE FORMATS
The following interface formats can be selected in the
L3 mode:
• I2S-bus with data word length of up to 24 bits
• MSB-justified with data word length of up to 24 bits
• LSB-justified format with data word length of 16, 18,
20 or 24 bits.
8.8.2
L3 ADDRESS
The UDA1328 can be addressed via the L3 microcontroller
interface using one of two addresses. This is done in order
to individually control the UDA1328 and other Philips
DACs or CODECs via the same L3 bus.
The address can be selected using pin 25 (DEEM0) in
L3 mode. When pin 25 is set LOW, the address is 000100.
When pin 25 is set HIGH the address is 000101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com