Electronic Components Datasheet Search
  English  ▼

X  

UDA1328 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UDA1328
Description  Multi-channel filter DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1328 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UDA1328 Datasheet HTML 17Page - NXP Semiconductors UDA1328 Datasheet HTML 18Page - NXP Semiconductors UDA1328 Datasheet HTML 19Page - NXP Semiconductors UDA1328 Datasheet HTML 20Page - NXP Semiconductors UDA1328 Datasheet HTML 21Page - NXP Semiconductors UDA1328 Datasheet HTML 22Page - NXP Semiconductors UDA1328 Datasheet HTML 23Page - NXP Semiconductors UDA1328 Datasheet HTML 24Page - NXP Semiconductors UDA1328 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2000 Jan 04
21
Philips Semiconductors
Preliminary specification
Multi-channel filter DAC
UDA1328T
17 APPLICATION INFORMATION
Fig.11 Application diagram.
handbook, full pagewidth
MGR983
UDA1328T
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
2
3
1
28
27
26
25
24
23
22
21
20
19
18
17
VOUT3
AGND
AGND
AGND
AGND
DGND
VOUT4
VSSA
VOUT5
VOUT6
VOUT3
VOUT4
VOUT5
VOUT6
VDDA
VDDA
n.c.
TEST3
STATIC
STATIC/L3
BCK
WS
DATAI12
DATAI34
DATAI56
VOUT2P
VOUT2N
VOUT2
Vref
VOUT1N
VOUT1P
TEST1
DS
VOUT1
DEEM0
DEEM1
MUTE
TEST2
VDDD
VDDD
VSSD
L3DATA
n.c.
SYSCLK
SYSCLK
L3CLOCK
L3MODE
R13 100
Ω
R14 10 k
Ω
C7 47
µF
(16 V)
C8 47
µF
(16 V)
C9 47
µF
(16 V)
C10 47
µF
(16 V)
R15 100
Ω
R16 10 k
Ω
R17 100
Ω
R18 10 k
Ω
AGND
R19 100
Ω
1
Ω
47
Ω
R20 10 k
Ω
100 nF
100
µF
(16 V)
1
Ω
100
nF
100
µF
(16 V)
DGND
AGND
ground
AGND
C14
100 nF
100 pF
100 pF
C13
47
µF
(16 V)
47
µF
47
µF
(16 V)
(16 V)
AGND
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
100
Ω
5
6
7
100
Ω
AGND
AGND
AGND
1/2
NE5532
1/2
NE5532
DGND
VDDD
VDDA
100
µF
(16 V)
100
µF
(16 V)
3.3 V
AGND
BZN32A07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com