Electronic Components Datasheet Search
  English  ▼

X  

UDA1328 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # UDA1328
Description  Multi-channel filter DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1328 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button UDA1328 Datasheet HTML 14Page - NXP Semiconductors UDA1328 Datasheet HTML 15Page - NXP Semiconductors UDA1328 Datasheet HTML 16Page - NXP Semiconductors UDA1328 Datasheet HTML 17Page - NXP Semiconductors UDA1328 Datasheet HTML 18Page - NXP Semiconductors UDA1328 Datasheet HTML 19Page - NXP Semiconductors UDA1328 Datasheet HTML 20Page - NXP Semiconductors UDA1328 Datasheet HTML 21Page - NXP Semiconductors UDA1328 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
2000 Jan 04
18
Philips Semiconductors
Preliminary specification
Multi-channel filter DAC
UDA1328T
15 AC CHARACTERISTICS (ANALOG)
VDDD =VDDA = 3.3 V; fi = 1 kHz; Tamb =25 °C; RL =5kΩ. All voltages referenced to ground (pins 3 and 20); unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DAC: channels 1 and 2 in differential mode
Vo(rms)
output voltage (RMS value)
−
2
−
V
∆V
o
unbalance between channels
−
0.1
−
dB
(THD + N)/S
total harmonic distortion plus
noise-to-signal ratio
fs = 48 kHz; at 0 dB
−−95
−88
dB
fs = 48 kHz; at −60 dB; A-weighted −−46
−
dB
fs = 96 kHz; at 0 dB
−−90
−
dB
fs = 96 kHz; at −60 dB; A-weighted −−44
−
dB
S/N
signal-to-noise ratio
fs = 48 kHz; code = 0; A-weighted
−
106
−
dB
fs = 96 kHz; code = 0; A-weighted
−
104
−
dB
DAC: channels 3 to 6
Vo(rms)
output voltage (RMS value)
−
1
−
V
∆V
o
unbalance between channels
−
0.1
−
dB
(THD + N)/S
total harmonic distortion plus
noise-to-signal ratio
fs = 48 kHz; at 0 dB
−−90
−83
dB
fs = 48 kHz; at −60 dB; A-weighted −−43
−
dB
fs = 96 kHz; at 0 dB
−−85
−
dB
fs = 96 kHz; at −60 dB; A-weighted −−41
−
dB
S/N
signal-to-noise ratio
fs = 48 kHz; code = 0; A-weighted
−
103
−
dB
fs = 96 kHz; code = 0; A-weighted
−
101
−
dB
PSRR
power supply rejection ratio
fripple = 1 kHz; Vripple(p-p) = 100 mV
−
50
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com