Electronic Components Datasheet Search
  English  ▼

X  

MP6908 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6908 Datasheet HTML 5Page - Monolithic Power Systems MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems MP6908 Datasheet HTML 10Page - Monolithic Power Systems MP6908 Datasheet HTML 11Page - Monolithic Power Systems MP6908 Datasheet HTML 12Page - Monolithic Power Systems MP6908 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
9
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The
MP6908
supports
operation
in
discontinuous
conduction
mode
(DCM),
continuous conduction mode (CCM), and quasi-
resonant
flyback
converters.
The
control
circuitry controls the gate in forward mode and
turns the gate off when the synchronous
rectification (SR) MOSFET current drops to
zero.
VDD Generation
The capacitor at VDD supplies power for the IC.
It can be charged up by both HVC and VD.
When VHVC<4.7V, the VD charges up the
external capacitor at VDD via a current source
with 40mA and regulates it at 5V.
When 4.7V<VHVC<9.7V, VD stops charging, and
HVC charges VDD via a current source with
70mA and regulates it at VHVC -0.7V.
When VHVC>9.7V, the HVC charges VDD via a
current source with 70mA and clamps it at 9V.
Start-Up and Under-Voltage Lockout (UVLO)
When VDD rises above 3.75V, the MP6908
exits under-voltage lockout (UVLO) and is
enabled. The MP6908 enters sleep mode, and
VGS is kept low once VDD drops below 3.55V.
Turn-On Phase
When VDS drops to ~2V, a turn-on timer begins
to count. This turn-on timer can be programmed
by an external resistor on SLEW. If VDS reaches
the -86mV turn-on threshold from 2V within the
time(TSLEW) set by the timer, the MOSFET is
turned on after a turn-on delay (around 30ns)
(see Figure 2). If VDS crosses -86mV after the
timer ends, the gate voltage (VG) remains off.
This turn-on timer prevents the MP6908 from
turning on falsely due to ringing from DCM and
quasi-resonant operations.
TSLEW can be programmed with Equation (1):
k
ns
R
T
SLEW
SLEW
400
90
(1)
Turn-On Blanking
The control circuitry contains a blanking function.
When the MOSFET turns on, the control circuit
ensures that the on state lasts for a specific
period of time. The turn-on blanking time is ~1.1µs
to prevent an accidental turn-off due to ringing.
However, if VDS reaches 2 - 3V within the turn-on
blanking time, VGS is pulled low immediately.
Conduction Phase
When VDS rises above the forward voltage drop
(-40mV) according to the decrease of the
switching current, the MP6908 lowers the gate
voltage level to enlarge the on resistance of the
synchronous MOSFET.
-3mV
-86mV
2V
VDS
VGS
Turn On
Delay
Turn Off
Delay
Turn On
Blanking
Driver begin to
be pulled down
~1.1us
Driver turn off
2V
Turn Off
Blanking
-40mV
Figure 2: Turn-On/Turn-Off Timing Diagram
With this control scheme, VDS is adjusted to be
around -40mV even when the current through
the MOSFET is fairly low. This function keeps
the driver voltage at a very low level when the
synchronous MOSFET is turned off, which
boosts the turn-off speed and is especially
important to CCM operation.
Turn-Off Phase
When VDS rises to trigger the turn off threshold
(-3mV), the gate voltage is pulled to zero after a
very short turn-off delay of 25ns (see Figure 2).
Turn-Off Blanking
After the gate driver (VGS) is pulled to zero by
VDS reaching the turn-off threshold (-3mV), a
turn-off blanking time is applied, during which
the gate driver signal is latched off. The turn-off
blanking is removed when VDS rises above 2V
(see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com