Electronic Components Datasheet Search
  English  ▼

X  

MP6908 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6908 Datasheet HTML 1Page - Monolithic Power Systems MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems MP6908 Datasheet HTML 5Page - Monolithic Power Systems MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP6908
Fast Turn-Off Intelligent Rectifier
with No Need for Auxiliary Winding
MP6908 Rev. 1.2
www.MonolithicPower.com
1
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP6908 is a low-drop diode emulator IC
that, when combined with an external switch,
replaces Schottky diodes in high-efficiency
flyback converters. The MP6908 regulates the
forward
drop
of
an
external
synchronous
rectifier (SR) MOSFET to about 40mV, which
switches off once the voltage becomes negative.
The MP6908 can generate its own supply
voltage for battery charging applications with
potential low output voltage, and at short circuit
output
condition,
or
for
high-side
SR
configuration. Programmable ringing detection
circuitry prevents the MP6908 from turning on
falsely at Vds oscillations during discontinuous
conduction mode (DCM) and quasi-resonant
operation.
The MP6908 is available in a space-saving
TSOT23-6 package.
FEATURES
 Wide Output Range down to 0V, No Short
Circuit Current Flows through Body Diode
 No Need for Auxiliary Winding for High-Side
or Low-Side Rectification
 Ringing Detection Prevents False Turn-On
during DCM and Quasi-Resonant
Operations
 Works with Standard and Logic Level SR
MOSFETS
 Compatible with Energy Star
 ~30ns Fast Turn-Off and Turn-On Delay
 ~100µA Quiescent Current
 Supports DCM, CCM, and Quasi-Resonant
Operations
 Supports both High-Side and Low-Side
Rectification
 TSOT23-6 Package Available
APPLICATIONS
 USB PD Quick Chargers
 Adaptors
 Flyback Power Supplies with Very Low
and/or Variable Output Voltage
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS
green
status,
please
visit
the
MPS
website
under
Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VD
VSS
SLEW
VG
HVC
VDD
MP6908


Similar Part No. - MP6908

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6908 MPS-MP6908 Datasheet
78Kb / 4P
High Efficiency Synchronous Rectification EV Board
1/26/2018 Rev. 1.0
MP6908GJ MPS-MP6908GJ Datasheet
768Kb / 14P
Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
Rev. 1.2
MP6908GJ-Z MPS-MP6908GJ-Z Datasheet
78Kb / 4P
High Efficiency Synchronous Rectification EV Board
1/26/2018 Rev. 1.0
More results

Similar Description - MP6908

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
Fast Turn-off Thyristor
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789_1 Datasheet
231Kb / 1P
INDUCTOR PFC WITH AUXILIARY WINDING
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
Fast Turn-off Intelligent Controller
MP6910 MPS-MP6910 Datasheet
202Kb / 10P
Fast Turn-off Intelligent Rectifier
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
MP6922A MPS-MP6922A Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com