Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4344_05 Datasheet HTML 4Page - Cirrus Logic CS4344_05 Datasheet HTML 5Page - Cirrus Logic CS4344_05 Datasheet HTML 6Page - Cirrus Logic CS4344_05 Datasheet HTML 7Page - Cirrus Logic CS4344_05 Datasheet HTML 8Page - Cirrus Logic CS4344_05 Datasheet HTML 9Page - Cirrus Logic CS4344_05 Datasheet HTML 10Page - Cirrus Logic CS4344_05 Datasheet HTML 11Page - Cirrus Logic CS4344_05 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
DS613F1
CS4344/5/6/8
DIGITAL INPUT CHARACTERISTICS
7.
Iin for LRCK is ±20 µA max.
POWER AND THERMAL CHARACTERISTICS
8.
Current consumption increases with increasing FS and increasing MCLK. Typ and Max values are
based on highest FS and highest MCLK. Variance between speed modes is small.
9.
Power down mode is defined when all clock and data lines are held static.
10. Valid with the recommended capacitor values on VQ and FILT+ as shown in the typical connection di-
agram in Section 3.
Figure 1. Output Test Load
Figure 2. Maximum Loading
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(% of VA)
VIH
60%
-
-
V
Low-Level Input Voltage
(% of VA)
VIL
-
-
30%
V
Input Leakage Current
(Note 7)
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
5 V Nom
3.3 V Nom
Parameters
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation
(Note 8)
power-down state (Note 9)
IA
IA
-
-
22
220
30
-
-
-
16
100
21
-
mA
µA
Power Dissipation
normal operation
power-down state(Note 9)
-
-
110
1.1
150
-
-
-
53
0.33
69
-
mW
mW
Package Thermal Resistance
θJA
-95-
-95-
°C/Watt
Power Supply Rejection Ratio (Note 8)
(1 kHz)
(60 Hz)
PSRR
-
-
50
40
-
-
-
-
50
40
-
-
dB
dB
AO U Tx
AG N D
3.3 µF
V
out
R
L
C
L
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
Ω )
L
125
3
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com