Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4344_05 Datasheet HTML 16Page - Cirrus Logic CS4344_05 Datasheet HTML 17Page - Cirrus Logic CS4344_05 Datasheet HTML 18Page - Cirrus Logic CS4344_05 Datasheet HTML 19Page - Cirrus Logic CS4344_05 Datasheet HTML 20Page - Cirrus Logic CS4344_05 Datasheet HTML 21Page - Cirrus Logic CS4344_05 Datasheet HTML 22Page - Cirrus Logic CS4344_05 Datasheet HTML 23Page - Cirrus Logic CS4344_05 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DS613F1
23
CS4344/5/6/8
8. ORDERING INFORMATION
8.1
Functional Compatibility
CS4334-KS
⇒ CS4344-CZZ
CS4335-KS
⇒ CS4345-CZZ
CS4336-KS
⇒ CS4346-CZZ
CS4338-KS
⇒ CS4348-CZZ
CS4334-BS
⇒ CS4344-DZZ
CS4334-DS
⇒ CS4344-DZZ
8.2
Selection Guide
The CS4344 family differs by Serial Audio format as follows:
•
CS4344 — 16 to 24-bit, I²S
•
CS4345 — 16 to 24-bit, Left-Justified
•
CS4346 — 24-bit, Right-Justified
•
CS4348 — 16-bit, Right-Justified
Product
Description
Package Pb-Free
Grade
Temp Range
Container
Order #
CS4344
24-Bit, 192 kHz
Stereo D/A
Converter
10-TSSOP
Yes
Commercial
-10 to +70 °C
Tube
or
Tape and Reel
CS4344-CZZ
Automotive
-40 to +85 °C
CS4344-DZZ
CS4345
Commercial
-10 to +70 °C
CS4345-CZZ
Automotive
-40 to +85 °C
CS4345-DZZ
CS4346
Commercial
-10 to +70 °C
CS4346-CZZ
CS4348
CS4348-CZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com