Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4344_05 Datasheet HTML 1Page - Cirrus Logic CS4344_05 Datasheet HTML 2Page - Cirrus Logic CS4344_05 Datasheet HTML 3Page - Cirrus Logic CS4344_05 Datasheet HTML 4Page - Cirrus Logic CS4344_05 Datasheet HTML 5Page - Cirrus Logic CS4344_05 Datasheet HTML 6Page - Cirrus Logic CS4344_05 Datasheet HTML 7Page - Cirrus Logic CS4344_05 Datasheet HTML 8Page - Cirrus Logic CS4344_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
10-pin, 24-Bit, 192 kHz Stereo D/A Converter
Features
! Multi-bit Delta-Sigma Modulator
! 24-bit Conversion
! Automatically Detects Sample Rates up to
192 kHz.
! 105 dB Dynamic Range
! -90 dB THD+N
! Low Clock-Jitter Sensitivity
! Single +3.3 V or +5 V Power Supply
! Filtered Line-Level Outputs
! On-chip Digital De-emphasis
! Popguard™ Technology
! Small 10-pin TSSOP Package
Description
The CS4344 family members are complete, stereo dig-
ital-to-analog output systems including interpolation,
multi-bit D/A conversion and output analog filtering in a
10-pin package. The CS4344/5/6/8 support all major
audio data interface formats, and the individual devices
differ only in the supported interface format.
The CS4344 family is based on a fourth order multi-bit
delta-sigma modulator with a linear analog low-pass fil-
ter. This family also includes auto-speed mode
detection using both sample rate and master clock ratio
as a method of auto-selecting sampling rates between
2 kHz and 200 kHz.
The CS4344 family contains on-chip digital de-empha-
sis, operates from a single +3.3 V or +5 V power supply,
and requires minimal support circuitry. These features
are ideal for DVD players & recorders, digital televi-
sions, home theater and set top box products, and
automotive audio systems.
The CS4344 family is available in a 10-pin TSSOP
package in both Commercial (-10 to +85 °C) and Auto-
motive grades (-40 to +85 °C). Please see Section 8.
“Ordering Information” on page 23 for complete details.
PCM
Serial
Interface
Multibit
∆Σ Modulator
Interpolation
Filter
Internal
Voltage
Reference
Switched
Capacitor
DAC and
Filter
Serial Audio
Input
Right
Output
Left
Output
Switched
Capacitor
DAC and
Filter
De-emphasis
Multibit
∆Σ Modulator
Interpolation
Filter
3.3 V or 5 V
SEPTEMBER '05
DS613F1
CS4344/5/6/8


Similar Part No. - CS4344_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4344-CZZ CIRRUS-CS4344-CZZ Datasheet
882Kb / 23P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
CS4344-DZZ CIRRUS-CS4344-DZZ Datasheet
882Kb / 23P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results

Similar Description - CS4344_05

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
24-Bit, 192kHz Stereo D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com