Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4344_05 Datasheet HTML 16Page - Cirrus Logic CS4344_05 Datasheet HTML 17Page - Cirrus Logic CS4344_05 Datasheet HTML 18Page - Cirrus Logic CS4344_05 Datasheet HTML 19Page - Cirrus Logic CS4344_05 Datasheet HTML 20Page - Cirrus Logic CS4344_05 Datasheet HTML 21Page - Cirrus Logic CS4344_05 Datasheet HTML 22Page - Cirrus Logic CS4344_05 Datasheet HTML 23Page - Cirrus Logic CS4344_05 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
DS613F1
CS4344/5/6/8
7. PACKAGE DIMENSIONS
Notes:
1.
Reference document: JEDEC MO-187
2.
D does not include mold flash or protrusions which is 0.15 mm max. per side.
3.
E1 does not include inter-lead flash or protrusions which is 0.15 mm max per side.
4.
Dimension b does not include a total allowable dambar protrusion of 0.08 mm max.
5.
Exceptions to JEDEC dimension.
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
0.0433
--
--
1.10
A1
0
--
0.0059
0
--
0.15
A2
0.0295
--
0.0374
0.75
--
0.95
b
0.0059
--
0.0118
0.15
--
0.30
4, 5
c
0.0031
--
0.0091
0.08
--
0.23
D
--
0.1181 BSC
--
--
3.00 BSC
--
2
E
--
0.1929 BSC
--
--
4.90 BSC
--
E1
--
0.1181 BSC
--
--
3.00 BSC
--
3
e
--
0.0197 BSC
--
--
0.50 BSC
--
L
0.0157
0.0236
0.0315
0.40
0.60
0.80
L1
--
0.0374 REF
--
--
0.95 REF
--
µ
0°
--
8°
0°
--
8°
Controlling Dimension is Millimeters
10LD TSSOP (3 mm BODY) PACKAGE DRAWING
E
N
1 23
e
b
A1
A2
A
D
SEATING
PLANE
E11
L
SIDE VIEW
END VIEW
TOP VIEW
∝
L1
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com