Electronic Components Datasheet Search
  English  ▼

X  

CS5342 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5342_06 Datasheet HTML 5Page - Cirrus Logic CS5342_06 Datasheet HTML 6Page - Cirrus Logic CS5342_06 Datasheet HTML 7Page - Cirrus Logic CS5342_06 Datasheet HTML 8Page - Cirrus Logic CS5342_06 Datasheet HTML 9Page - Cirrus Logic CS5342_06 Datasheet HTML 10Page - Cirrus Logic CS5342_06 Datasheet HTML 11Page - Cirrus Logic CS5342_06 Datasheet HTML 12Page - Cirrus Logic CS5342_06 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DS608F1
9
CS5342
DC ELECTRICAL CHARACTERISTICS
(GND = 0 V, all voltages with respect to 0 V. MCLK=18.432 MHz; Master Mode; refer to Note 2)
8.
Power-Down Mode is defined as RST = Low with all clocks and data lines held static.
9.
Valid with the recommended capacitor values on FILT+ and VQ as shown in the “Typical Connection
Diagram”.
DIGITAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
Positive Analog
Positive Digital
Positive Logic
VA
VD
VL
3.14
3.14
2.38
-
-
-
5.25
5.25
5.25
V
V
V
Power Supply Current
VA = 5 V
(Normal Operation)
VA = 3.3 V
VL,VD = 5 V
VL,VD = 3.3 V
IA
IA
ID
ID
-
-
-
-
21
18.2
15
9
25.5
22.5
18.5
10
mA
mA
mA
mA
Power Supply Current
VA = 5 V
(Power-down Mode) (Note 8)
VL,VD=5 V
IA
ID
-
-
1.5
0.4
-
-
mA
mA
Power Consumption
(Normal Operation)
VL, VD, VA = 5 V
(Normal Operation)
VL, VD, VA = 3.3 V
(Power-Down Mode)(Note 8)
-
-
-
-
-
-
180
90
9.5
220
107.2
-
mW
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 9)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
-
-
VA
÷2
25
-
-
V
k
Ω
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
VA
36
0.01
-
-
-
V
k
Ω
mA
Parameter
Symbol
Min
Typ
Max
Units
High-level Input Voltage
(% of VL)
VIH
70%
-
-
V
Low-level Input Voltage
(% of VL)
VIL
-
-
30%
V
High-level Output Voltage at Io = 100 µA(% of VL)
VOH
70%
-
-
V
Low-level Output Voltage at Io =100 µA(% of VL)
VOL
-
-
15%
V
Input Leakage Current
Iin
-10
-
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com