Electronic Components Datasheet Search
  English  ▼

X  

CS5342 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5342_06 Datasheet HTML 6Page - Cirrus Logic CS5342_06 Datasheet HTML 7Page - Cirrus Logic CS5342_06 Datasheet HTML 8Page - Cirrus Logic CS5342_06 Datasheet HTML 9Page - Cirrus Logic CS5342_06 Datasheet HTML 10Page - Cirrus Logic CS5342_06 Datasheet HTML 11Page - Cirrus Logic CS5342_06 Datasheet HTML 12Page - Cirrus Logic CS5342_06 Datasheet HTML 13Page - Cirrus Logic CS5342_06 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
DS608F1
CS5342
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT
(Logic "0" = GND = 0 V; Logic "1" = VL, CL = 20 pF)
10. For a description of speed modes, please refer to Table 1 on page 14
11. SCLK must be derived synchronously from MCLK and the ratio of SCLK/LRCK must be equal to 48.
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Specifications
MCLK Period
tclkw
26
-
30
ns
52
-
1302
ns
MCLK Pulse Duty Cycle
40
-
60
%
Master Mode
SCLK falling to LRCK
tmslr
-20
-
20
ns
SCLK falling to SDOUT valid
tsdo
--
32
ns
SCLK Duty Cycle
Single-Speed
Double-Speed
Quad-Speed
-
-
-
50
50
33
-
-
-
%
%
%
Slave Mode
Single-Speed (Note 10)
LRCK Duty Cycle
40
-
60
%
SCLK Period
tsclkw
313
-
-
ns
SCLK Duty Cycle
45
-
55
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK edge
tslrd
-20
-
20
ns
Double-Speed (Note 10)
LRCK Duty Cycle
40
-
60
%
SCLK Period (Note 11)
tsclkw
208
-
-
ns
SCLK Duty Cycle
45
-
55
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK edge
tslrd
-20
-
20
ns
Quad-Speed (Note 10)
LRCK Duty Cycle
40
-
60
%
SCLK Period (Note 11)
tsclkw
104
-
-
ns
SCLK Duty Cycle
40
-
50
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK edge
tslrd
-8
-
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com