Electronic Components Datasheet Search
  English  ▼

X  

CS5342 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5342_06 Datasheet HTML 13Page - Cirrus Logic CS5342_06 Datasheet HTML 14Page - Cirrus Logic CS5342_06 Datasheet HTML 15Page - Cirrus Logic CS5342_06 Datasheet HTML 16Page - Cirrus Logic CS5342_06 Datasheet HTML 17Page - Cirrus Logic CS5342_06 Datasheet HTML 18Page - Cirrus Logic CS5342_06 Datasheet HTML 19Page - Cirrus Logic CS5342_06 Datasheet HTML 20Page - Cirrus Logic CS5342_06 Datasheet HTML 21Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
DS608F1
CS5342
were measured with VA = VD = VL = 5 V in Single-Speed Master Mode using a 1 kHz input tone of magni-
tude -1 dB Full-Scale.
Figure 22. CS5342 THD+N versus Frequency
47 uF
100 uF
22 uF
10 uF
6.8 uF
4.7 uF
3.3 uF
2.2 uF
1 uF
5.6 uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com