Electronic Components Datasheet Search
  English  ▼

X  

CS5342 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5342_06 Datasheet HTML 12Page - Cirrus Logic CS5342_06 Datasheet HTML 13Page - Cirrus Logic CS5342_06 Datasheet HTML 14Page - Cirrus Logic CS5342_06 Datasheet HTML 15Page - Cirrus Logic CS5342_06 Datasheet HTML 16Page - Cirrus Logic CS5342_06 Datasheet HTML 17Page - Cirrus Logic CS5342_06 Datasheet HTML 18Page - Cirrus Logic CS5342_06 Datasheet HTML 19Page - Cirrus Logic CS5342_06 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
DS608F1
CS5342
4.2.3
Master Clock
The CS5342 requires a Master clock (MCLK) which runs the internal sampling circuits and digital filters.
There is also an internal MCLK divider which is automatically activated according to the frequency of the
MCLK. Table 3 shows a listing of the external MCLK/LRCK ratios that are required. Table 3 lists some
common audio output sample rates and the required MCLK frequency. Please note that not all of the listed
sample rates are supported when operating with a fast MCLK (768x, 384x, 192x for Single-, Double-, and
Quad-Speed Modes, respectively).
4.3
Serial Audio Interface
The CS5342 supports both I²S and Left-Justified serial audio formats. Upon start-up, the CS5342 will detect
the logic level on SDOUT (pin 4). A 10 k
Ω pull-up resistor to VL is needed to select I²S format, and a 10 kΩ
pull-down resistor to GND is needed to select Left-Justified format. Please see Figures 13 through 16 for
more information on the required timing for the two serial audio interface formats.
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
MCLK/LRCK Ratio
384x, 768x
192x, 384x
96x*, 192x
* Quad-Speed, 96x only available in Master Mode.
SAMPLE RATE (kHz)
MCLK (MHz)
32
12.288
44.1
16.9344
33.8688
48
18.432
36.864
64
12.288
88.2
16.9344
33.8688
96
18.432
36.864
192
36.864
Table 3. Master Clock (MCLK) Frequencies for Standard Audio Sample Rates
Figure 19. Left-Justified Serial Audio Interface
SDATA
23 22
7
6
23 22
SCLK
LRCK
23 22
54
32
10
8
76
54
32
10
8
9
9
Left Channel
Right Channel
Figure 20. I²S Serial Audio Interface
SDATA
23 22
8
7
23 22
SCLK
LRCK
23 22
65
43
21
0
87
65
43
21
0
9
9
Left Channel
Right Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com