Electronic Components Datasheet Search
  English  ▼

X  

UMA1002 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UMA1002
Description  Data processor for cellular radio DPROC2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1002 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UMA1002 Datasheet HTML 4Page - NXP Semiconductors UMA1002 Datasheet HTML 5Page - NXP Semiconductors UMA1002 Datasheet HTML 6Page - NXP Semiconductors UMA1002 Datasheet HTML 7Page - NXP Semiconductors UMA1002 Datasheet HTML 8Page - NXP Semiconductors UMA1002 Datasheet HTML 9Page - NXP Semiconductors UMA1002 Datasheet HTML 10Page - NXP Semiconductors UMA1002 Datasheet HTML 11Page - NXP Semiconductors UMA1002 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1997 Jan 28
8
Philips Semiconductors
Product specification
Data processor for cellular radio
(DPROC2)
UMA1002
PROGRAMMING OF ESCC BITS
There is a possibility to program the expected ESCC bits,
so that DPROC2 can compare expected and received
SAT and signal any inconsistency to the system controller
via BUSY/VSAT pin. Consequently there is no need to
read the measured SAT periodically via the I2C-bus.
BCH ERROR FILTER
If this feature is enabled, DPROC2 will not pass on to the
microcontroller words with BCH errors. Consequently the
microcontroller can remain in power-saving mode. This
feature in combination with the control filler feature is
defined in Table 8.
SELECTABLE CLOCK DIVIDER (ONLY IN LQFP32)
An on-chip selectable divide-by-8 clock divider reduces
external peripheral component count.
Power-up state and master reset (RESET)
RESET should be HIGH as soon as power supply is
available.
DPROC2 will not respond reliably to any inputs (including
RESET) until 100
µs after the power supply has settled
within the specified tolerance. The analog sections of the
device will have stabilized within 5 ms. No on-chip
power-on reset is provided, therefore before the device
can enter normal operation RESET must be held HIGH.
RESET is an active HIGH master reset input, with a
minimum active pulse width of 4
µs which may be used to
reset the total logic within DPROC2 to a predefined state
as illustrated in Tables 1 and 2. It is preferably only used
during power-up, during normal operation it is
recommended to use the fully synchronous reset signals
derived from the I2C-bus bits FVC, STS and TXRST
(see Table 4). To ensure correct operation TXCLK must
be held HIGH during RESET operation.
Table 1
Predefined state of the digital output pins
Table 2
Predefined state of the I2C-bus registers
OUTPUT
STATE
RXLINE
HIGH
TXCTRL
high-impedance (HIGH)
TACTRL
high-impedance (HIGH)
RACTRL
high-impedance (HIGH)
BUSY/VSAT
HIGH
TXLINE
HIGH (by 100 k
Ω internal pull-up resistor)
RECDATA
LOW
MVO
HIGH
SDA
high-impedance (HIGH)
REGISTER
BIT
76543210
Status (read)
LOW
LOW
LOW
HIGH
LOW
LOW
HIGH
HIGH
Control 1 (write)
LOW
LOW
LOW
LOW
LOW
LOW
LOW
LOW
Control 2 (write)
LOW
LOW
LOW
LOW
LOW
LOW
LOW
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com