Electronic Components Datasheet Search
  English  ▼

X  

UMA1002 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UMA1002
Description  Data processor for cellular radio DPROC2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1002 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UMA1002 Datasheet HTML 13Page - NXP Semiconductors UMA1002 Datasheet HTML 14Page - NXP Semiconductors UMA1002 Datasheet HTML 15Page - NXP Semiconductors UMA1002 Datasheet HTML 16Page - NXP Semiconductors UMA1002 Datasheet HTML 17Page - NXP Semiconductors UMA1002 Datasheet HTML 18Page - NXP Semiconductors UMA1002 Datasheet HTML 19Page - NXP Semiconductors UMA1002 Datasheet HTML 20Page - NXP Semiconductors UMA1002 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1997 Jan 28
17
Philips Semiconductors
Product specification
Data processor for cellular radio
(DPROC2)
UMA1002
Table 9
Received data word
Table 10 Transmit data word
BIT
TITLE
SENSE
FUNCTION
31
start
LOW
identifies start of word
30
BCH error
active HIGH
indicates that an uncorrected BCH error is associated
with the word
29 to 2
received data
binary data
received data word
1
RXLINE error
active HIGH
indicates that a transmission error has occurred on
the microprocessor to DPROC2 serial link
0
stop
HIGH
identifies end of the word
BIT
TITLE
SENSE
FUNCTION
39
start
LOW
identifies start of word
38 and 37
DCC
binary data
digital colour code (see Table 11)
36 to 1
transmit data
binary data
transmit data word
0
stop
HIGH
identifies end of the word
Fig.7 Data word formats.
(a) Received data word.
(b) Transmit data word.
handbook, full pagewidth
MBC768
START
BCH ERROR
START
DCC 1
DCC 0
RECEIVED WORD (28 bits)
TRANSMIT WORD (36 bits)
CHECK BIT (= 0)
STOP
STOP
LSB
LSB
Bit 1
Bit 0
Bit 2
Bit 29
Bit 30
Bit 31
Bit 36
Bit 38
Bit 39
Bit 37
Bit 1
Bit 0
MSB
MSB
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com