Electronic Components Datasheet Search
  English  ▼

X  

UMA1002 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UMA1002
Description  Data processor for cellular radio DPROC2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1002 Datasheet(HTML) 4 Page - NXP Semiconductors

  UMA1002 Datasheet HTML 1Page - NXP Semiconductors UMA1002 Datasheet HTML 2Page - NXP Semiconductors UMA1002 Datasheet HTML 3Page - NXP Semiconductors UMA1002 Datasheet HTML 4Page - NXP Semiconductors UMA1002 Datasheet HTML 5Page - NXP Semiconductors UMA1002 Datasheet HTML 6Page - NXP Semiconductors UMA1002 Datasheet HTML 7Page - NXP Semiconductors UMA1002 Datasheet HTML 8Page - NXP Semiconductors UMA1002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1997 Jan 28
4
Philips Semiconductors
Product specification
Data processor for cellular radio
(DPROC2)
UMA1002
PINNING
SYMBOL
PIN
DESCRIPTION
SO28
LQFP32
VSSA
1
29
Negative analog supply (0 V). To be connected low-ohmic to VSSD.
AGND
2
30
Internally generated analog signal ground. Voltage level = 1
⁄2VDDA. This pin should
be connected to a blocking capacitor, no DC load allowed.
DEMODD
3
31
DEMODD inputs analog data and SAT signals from the RF demodulator. This pin
should normally be AC-coupled. See Chapter “AC characteristics”.
DATA
4
32
Data is an analog output which provides the Manchester encoded and filtered data
signal, SAT and signalling tone. This signal should normally be AC-coupled into the
Audio/Data summer. See Chapter “AC characteristics”.
RACTRL
5
1
Received audio control output. Open-drain output used to blank the audio path to
the earpiece when a sequence of dotting followed by a synchronization word or 2
synchronization words separated by 77 bits is detected. RACTRL and TACTRL
functions can be combined using one line. Output level LOW means audio muted.
RESET
6
2
Master reset input resetting all internal flip-flops to the specified state. This input
has no influence on analog parts, but must be controlled by an active HIGH
microcontroller port.
INVRX
7
4
This input inverts the sense of received data stream, which allows RF
demodulators with high or low local oscillators to be used. The AMPS and TACS
specifications define NRZ encoded logic 1 as a LOW-to-HIGH transition in the
centre of a data bit period. The polarity of the demodulated data stream into
DPROC2 depends on the receiver local oscillator. Input LOW means data normal.
RXLINE
8
5
Received data signal output to the system controller.
TST
9
7
Test input pin (note 1).
RECDATA
10
8
Output of the recovered digital data signal (note 1).
TACTRL
11
9
Transmitter audio control output. This open-drain output is used to blank the audio
path and enable the data path to the modulator during data bursts on the RVC.
Output level LOW means audio muted.
CLKIN
12
10
1.2 MHz or 9.6 MHz external master clock input. This input signal should be
accurate to 100
× 10−6 and have a worst case 60 : 40 mark-space ratio.
CLKOUT
13
11
Output of 1.2 MHz clock signal (for APROC) derived from CLKIN.
VSSD
14
12
Negative digital supply (0 V), internally connected to substrate. To be connected
low-ohmic to VSSA.
TXLINE
15
13
Open-drain bidirectional data line to the system controller (internal 100 k
Ω pull-up).
n.c.
16
14
Not connected.
TXHOLD
17
15
This input holds off transmission of data when set to HIGH.
TXCLK
18
16
Transmitted data clock input from the system controller.
BUSY/VSAT
19
17
Output indicating the status of the RECC by providing output information based on
a majority decision on the last 3 consecutive Busy/Idle bits (FVC = logic 0). Output
level LOW means channel idle.
Indicating the result of the comparison of the measured SAT and the expected SAT
colour-code bits (I2C-bus register) in the voice channel mode (FVC = logic 1 and
ENSM = logic 1). Output level LOW means incoming SAT not equal to expected
SAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com