Electronic Components Datasheet Search
  English  ▼

X  

UMA1002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UMA1002
Description  Data processor for cellular radio DPROC2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1002 Datasheet(HTML) 2 Page - NXP Semiconductors

  UMA1002 Datasheet HTML 1Page - NXP Semiconductors UMA1002 Datasheet HTML 2Page - NXP Semiconductors UMA1002 Datasheet HTML 3Page - NXP Semiconductors UMA1002 Datasheet HTML 4Page - NXP Semiconductors UMA1002 Datasheet HTML 5Page - NXP Semiconductors UMA1002 Datasheet HTML 6Page - NXP Semiconductors UMA1002 Datasheet HTML 7Page - NXP Semiconductors UMA1002 Datasheet HTML 8Page - NXP Semiconductors UMA1002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1997 Jan 28
2
Philips Semiconductors
Product specification
Data processor for cellular radio
(DPROC2)
UMA1002
FEATURES
• Single chip solution to all the data handling and
supervisory functions
• Configuration to both AMPS and TACS
• Additional JTACS option
• I2C-bus serial control
• All analog interface and filtering functions fully
implemented on chip
• Error handling in hardware reduces software
requirements
• Robust SAT decoding and transponding circuitry
• Low current consumption by on-chip power-down
modes
• Reduced system current consumption by new
integrated power-saving features
– Majority voting includes more intelligence
– On-chip control filler word filter
– BCH error filter
– Possibility to program ESCC bits
• Small physical size: SO28 or LQFP32
• External peripheral component count reduced
– On-chip selectable clock divider
– Integrated pull-up resistor at TXLINE
• Simplified reset and abort software routines possible
• The SO28 version is fully compatible with UMA1000LT
and UMF1000T.
GENERAL DESCRIPTION
The UMA1002 is a low power CMOS LSI device
incorporating the data transceiving, data processing, and
SAT functions (including on-chip filtering) for an AMPS or
TACS hand-held portable cellular radio telephone.
In this data sheet, the UMA1002 is often referred to by the
descriptive term ‘DPROC2’.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.7
3.0
5.5
V
IDD
supply current normal operation with external clock
−
1.3
1.8
mA
Tamb
operating ambient temperature
−30
−
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UMA1002T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
UMA1002H
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com